Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSM2529ACBZ-R7 Datasheet(PDF) 46 Page - Analog Devices

Part # SSM2529ACBZ-R7
Description  Digital Input, Mono 2 W, Class-D Audio Power Amplifier
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM2529ACBZ-R7 Datasheet(HTML) 46 Page - Analog Devices

Back Button SSM2529ACBZ-R7 Datasheet HTML 42Page - Analog Devices SSM2529ACBZ-R7 Datasheet HTML 43Page - Analog Devices SSM2529ACBZ-R7 Datasheet HTML 44Page - Analog Devices SSM2529ACBZ-R7 Datasheet HTML 45Page - Analog Devices SSM2529ACBZ-R7 Datasheet HTML 46Page - Analog Devices SSM2529ACBZ-R7 Datasheet HTML 47Page - Analog Devices SSM2529ACBZ-R7 Datasheet HTML 48Page - Analog Devices SSM2529ACBZ-R7 Datasheet HTML 49Page - Analog Devices SSM2529ACBZ-R7 Datasheet HTML 50Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 52 page
background image
SSM2529
Data Sheet
Rev. 0 | Page 46 of 52
DRC_HOLD_TIME REGISTER
Table 139. Address: 0x5E, Reset: 0x00, Name: DRC_HOLD_TIME
Bits
Bit Name
Settings
Description
Reset
Access
[7:4]
DRCHTNG
DRC hold time for noise gating
0x0
RW
0000
0 ms(default)
0001
0.67 ms
xxxx
Double time
0111
42.67 ms
1111
43.7 sec
[3:0]
DRCHTNOR
DRC hold time for normal operation
0x0
RW
0000
0 ms(default)
0001
0.67 ms
xxxx
Double time
0111
42.67 ms
1111
43.7 sec
DRC_RIPPLE_CTRL REGISTER
Table 140. Address: 0x5F, Reset: 0x00, Name: DRC_RIPPLE_CTRL
Bits
Bit Name
Settings
Description
Reset
Access
[7:2]
Reserved
0x0
RW
[1:0]
DRCRRH
DRC ripple remove threshold
0x0
RW
00
0 dB (default)
01
0.28 dB
10
0.47 dB
11
0.75 dB
DRC MODE CONTROL REGISTER
Table 141. Address: 0x60, Reset: 0x3C, Name: DRC Mode Control
Bits
Bit Name
Settings
Description
Reset
Access
7
VBAT_EN
VBAT tracking enable
0x0
RW
0
VBAT tracking disable
1
VBAT tracking enable
6
LIM_SRC
Limiter source selection
0x0
RW
0
RMS
1
Peak
5
LIM_EN
Limiter enable
0x1
RW
0
Limiter function disabled
1
Limiter function enabled
4
COMP_EN
Compressor enable
0x1
RW
0
Compressor function disabled
1
Compressor function enabled
3
EXP_EN
Expander enable
0x1
RW
0
Expander function disabled
1
Expander function enabled
2
NG_EN
Noise gate enable
0x1
RW
0
Noise gate function disabled
1
Noise gate function enabled
[1:0]
DRC_EN
DRC enable
0x0
RW
0
DRC disabled
1
DRC enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com