Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSM2529ACBZ-R7 Datasheet(PDF) 30 Page - Analog Devices

Part # SSM2529ACBZ-R7
Description  Digital Input, Mono 2 W, Class-D Audio Power Amplifier
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM2529ACBZ-R7 Datasheet(HTML) 30 Page - Analog Devices

Back Button SSM2529ACBZ-R7 Datasheet HTML 26Page - Analog Devices SSM2529ACBZ-R7 Datasheet HTML 27Page - Analog Devices SSM2529ACBZ-R7 Datasheet HTML 28Page - Analog Devices SSM2529ACBZ-R7 Datasheet HTML 29Page - Analog Devices SSM2529ACBZ-R7 Datasheet HTML 30Page - Analog Devices SSM2529ACBZ-R7 Datasheet HTML 31Page - Analog Devices SSM2529ACBZ-R7 Datasheet HTML 32Page - Analog Devices SSM2529ACBZ-R7 Datasheet HTML 33Page - Analog Devices SSM2529ACBZ-R7 Datasheet HTML 34Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 52 page
background image
SSM2529
Data Sheet
Rev. 0 | Page 30 of 52
CHANNEL MAPPING CONTROL REGISTER
Table 52. Address: 0x04, Reset: 0x10, Name: Channel Mapping Control
Bits
Bit Name
Settings
Description
Reset
Access
[7:4]
CH_SEL_R
Right channel mapping select
0x1
RW
0000
Channel 0 from SAI to right output
0001
Channel 1 from SAI to right output
0010
Channel 2 from SAI to right output
0011
Channel 3 from SAI to right output
0100
Channel 4 from SAI to right output
0101
Channel 5 from SAI to right output
0110
Channel 6 from SAI to right output
0111
Channel 7 from SAI to right output
1000
Channel 8 from SAI to right output
1001
Channel 9 from SAI to right output
1010
Channel 10 from SAI to right output
1011
Channel 11 from SAI to right output
1100
Channel 12 from SAI to right output
1101
Channel 13 from SAI to right output
1110
Channel 14 from SAI to right output
1111
Channel 15 from SAI to right output
[3:0]
CH_SEL_L
Left channel mapping select
0x0
RW
0000
Channel 0 from SAI to left output
0001
Channel 1 from SAI to left output
0010
Channel 2 from SAI to left output
0011
Channel 3 from SAI to left output
0100
Channel 4 from SAI to left output
0101
Channel 5 from SAI to left output
0110
Channel 6 from SAI to left output
0111
Channel 7 from SAI to left output
1000
Channel 8 from SAI to left output
1001
Channel 9 from SAI to left output
1010
Channel 10 from SAI to left output
1011
Channel 11 from SAI to left output
1100
Channel 12 from SAI to left output
1101
Channel 13 from SAI to left output
1110
Channel 14 from SAI to left output
1111
Channel 15 from SAI to left output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com