Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSM2529ACBZ-R7 Datasheet(PDF) 44 Page - Analog Devices

Part # SSM2529ACBZ-R7
Description  Digital Input, Mono 2 W, Class-D Audio Power Amplifier
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM2529ACBZ-R7 Datasheet(HTML) 44 Page - Analog Devices

Back Button SSM2529ACBZ-R7 Datasheet HTML 40Page - Analog Devices SSM2529ACBZ-R7 Datasheet HTML 41Page - Analog Devices SSM2529ACBZ-R7 Datasheet HTML 42Page - Analog Devices SSM2529ACBZ-R7 Datasheet HTML 43Page - Analog Devices SSM2529ACBZ-R7 Datasheet HTML 44Page - Analog Devices SSM2529ACBZ-R7 Datasheet HTML 45Page - Analog Devices SSM2529ACBZ-R7 Datasheet HTML 46Page - Analog Devices SSM2529ACBZ-R7 Datasheet HTML 47Page - Analog Devices SSM2529ACBZ-R7 Datasheet HTML 48Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 52 page
background image
SSM2529
Data Sheet
Rev. 0 | Page 44 of 52
DRC_CTRL3 REGISTER
Table 133. Address: 0x58, Reset: 0x00, Name: DRC_CTRL3
Bits
Bit Name
Settings
Description
Reset
Access
[7:4]
DRC_ATT
DRC attack time setting; 16 possible settings
0x0
RW
0000
0 ms
0001
0.1 ms
0010
0.19 ms
0011
0.37 ms
0100
0.75 ms
0101
1.5 ms
0110
3 ms
0111
6 ms
1000
12 ms
1001
24 ms
1010
48 ms
1011
96 ms
1100
192 ms
1101
384 ms
1110
768 ms
1111
1.536 sec
[3:0]
DRC_DEC
DRC decay time setting; 16 possible settings
0x0
RW
0000
0 ms
0001
1.5 ms
0010
3 ms
0011
6 ms
0100
12 ms
0101
24 ms
0110
48 ms
0111
96 ms
1000
192 ms
1001
384 ms
1010
768 ms
1011
1.536 sec
1100
3.072 sec
1101
6.144 sec
1110
12.288 sec
1111
24.576 sec
DRC_CURVE1 REGISTER
Table 134. Address: 0x59, Reset: 0x00, Name: DRC_CURVE1
Bits
Bit Name
Settings
Description
Reset
Access
7
Reserved
0x0
RW
[6:0]
DRC_LT
DRC limiter threshold setting, relative to input, in 0.5 dB steps
0x00
RW
0000000
+6 dB
0000001
+5.5 dB
xxxxxxx
−0.5 dB step
1010000
−35 dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com