Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSM2529ACBZ-R7 Datasheet(PDF) 31 Page - Analog Devices

Part # SSM2529ACBZ-R7
Description  Digital Input, Mono 2 W, Class-D Audio Power Amplifier
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM2529ACBZ-R7 Datasheet(HTML) 31 Page - Analog Devices

Back Button SSM2529ACBZ-R7 Datasheet HTML 27Page - Analog Devices SSM2529ACBZ-R7 Datasheet HTML 28Page - Analog Devices SSM2529ACBZ-R7 Datasheet HTML 29Page - Analog Devices SSM2529ACBZ-R7 Datasheet HTML 30Page - Analog Devices SSM2529ACBZ-R7 Datasheet HTML 31Page - Analog Devices SSM2529ACBZ-R7 Datasheet HTML 32Page - Analog Devices SSM2529ACBZ-R7 Datasheet HTML 33Page - Analog Devices SSM2529ACBZ-R7 Datasheet HTML 34Page - Analog Devices SSM2529ACBZ-R7 Datasheet HTML 35Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 52 page
background image
Data Sheet
SSM2529
Rev. 0 | Page 31 of 52
VOLUME CONTROL BEFORE FDSP (VOL_BF_FDSP) REGISTER
Table 53. Address: 0x05, Reset: 0x40, Name: VOL_BF_FDSP
Bits
Bit Name
Settings
Description
Reset
Access
[7:0]
DIG_VOL
Volume control before FDSP
0x40
RW
00000000
+24 dB
00000001
+23.625 dB
00000010
+23.35 dB
00000011
+22.875 dB
00000100
+22.5 dB
00000101
...
00111111
+0.375 dB
01000000
0 dB
01000001
−0.375 dB
01000010
...
11111101
−70.875 dB
11111110
−71.25 dB
11111111
Mute
VOLUME CONTROL AFTER FDSP (VOL_AF_FDSP) REGISTER
Table 54. Address: 0x06, Reset: 0x40, Name: VOL_AF_FDSP
Bits
Bit Name
Settings
Description
Reset
Access
[7:0]
PDP_VOL
Volume control after FDSP
0x40
RW
00000000
+24 dB
00000001
+23.625 dB
00000010
+23.35 dB
00000011
+22.875 dB
00000100
+22.5 dB
00000101
...
00111111
+0.375 dB
01000000
0 dB
01000001
−0.375 dB
01000010
...
11111101
−70.875 dB
11111110
−71.25 dB
11111111
Mute
VOLUME AND MUTE CONTROL REGISTER
Table 55. Address: 0x07, Reset: 0x20, Name: Volume and Mute Control
Bits
Bit Name
Settings
Description
Reset
Access
7
CLK_LOSS_DET
Clock loss detect enable
0x0
RW
0
Clock loss detect disabled
1
Clock loss detect enabled
[6:4]
SR_AUTO
Auto detected sample rate
0x2
R
000
11.025 kHz/12 kHz
001
22.05 kHz/24 kHz
010
44.1 kHz/48 kHz
011
96 kHz
100
8 kHz
101
16 kHz
110
32 kHz
111
Wrong sample rate
3
Reserved
Reserved
0x0
RW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com