Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSM2529ACBZ-R7 Datasheet(PDF) 50 Page - Analog Devices

Part # SSM2529ACBZ-R7
Description  Digital Input, Mono 2 W, Class-D Audio Power Amplifier
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM2529ACBZ-R7 Datasheet(HTML) 50 Page - Analog Devices

Back Button SSM2529ACBZ-R7 Datasheet HTML 44Page - Analog Devices SSM2529ACBZ-R7 Datasheet HTML 45Page - Analog Devices SSM2529ACBZ-R7 Datasheet HTML 46Page - Analog Devices SSM2529ACBZ-R7 Datasheet HTML 47Page - Analog Devices SSM2529ACBZ-R7 Datasheet HTML 48Page - Analog Devices SSM2529ACBZ-R7 Datasheet HTML 49Page - Analog Devices SSM2529ACBZ-R7 Datasheet HTML 50Page - Analog Devices SSM2529ACBZ-R7 Datasheet HTML 51Page - Analog Devices SSM2529ACBZ-R7 Datasheet HTML 52Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 50 / 52 page
background image
SSM2529
Data Sheet
Rev. 0 | Page 50 of 52
APPLICATIONS INFORMATION
Figure 42. Software Mode (with I2C Interface)
Figure 43. Hardware Standalone Mode
SSM2529
ADDR
OUTP
OUTN
100nF
10µF
SPKVDD
(2.5V TO 5.5V)
100nF
DVDD
(1.08V TO 1.98V)
1µF
LDO_OUT
(1.8V)
SPKGND
GND
SA_MODE
2.2k
Ω
2.2k
Ω
SYSTEM
CONTROLLER
IOVDD
(1.8V TO 3.6V)
STDBN
SCL
SDA
AUDIO
PROCESSOR
BCLK
LRCLK
SDATA
MCLK
SSM2529
OUTP
OUTN
100nF
10µF
SPKVDD
(2.5V TO 5.5V)
100nF
DVDD
(1.08V TO 1.98V)
1µF
LDO_OUT
(1.8V)
SPKGND
GND
SA_MODE
SPKVDD
STDBN
BCLK
LRCLK
SDATA
MCLK
SDA
SCL
ADDR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com