Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSM2529ACBZ-R7 Datasheet(PDF) 27 Page - Analog Devices

Part # SSM2529ACBZ-R7
Description  Digital Input, Mono 2 W, Class-D Audio Power Amplifier
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM2529ACBZ-R7 Datasheet(HTML) 27 Page - Analog Devices

Back Button SSM2529ACBZ-R7 Datasheet HTML 23Page - Analog Devices SSM2529ACBZ-R7 Datasheet HTML 24Page - Analog Devices SSM2529ACBZ-R7 Datasheet HTML 25Page - Analog Devices SSM2529ACBZ-R7 Datasheet HTML 26Page - Analog Devices SSM2529ACBZ-R7 Datasheet HTML 27Page - Analog Devices SSM2529ACBZ-R7 Datasheet HTML 28Page - Analog Devices SSM2529ACBZ-R7 Datasheet HTML 29Page - Analog Devices SSM2529ACBZ-R7 Datasheet HTML 30Page - Analog Devices SSM2529ACBZ-R7 Datasheet HTML 31Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 52 page
background image
Data Sheet
SSM2529
Rev. 0 | Page 27 of 52
REGISTER DETAILS
SOFTWARE RESET AND MASTER SOFTWARE POWER-DOWN CONTROL (PWR_CTRL) REGISTER
Table 47. Address: 0x00, Reset: 0x23, Name: PWR_CTRL
Bits
Bit Name
Settings
Description
Reset
Access
7
SYS_RST
Software reset
0x0
RW
0
Normal operation
1
Software reset
6
APWDN_ANA
Auto power-down mode
0x0
RW
0
Only digital
1
Both analog and digital
5
APWDN_EN
Auto power-down enable
0x1
RW
0
Auto power-down disabled
1
Auto power-down enabled
4
LP_MODE
Low power mode
0x0
RW
0
Normal operation
1
Low power operation mode; DAC runs at half speed
[3:1]
MCS
Master clock rate selection
0x1
RW
000
Refer to Table 48
001
Refer to Table 48
010
Refer to Table 48
011
Refer to Table 48
100
Refer to Table 48
101
Refer to Table 48
110
Not applicable
111
Not applicable
0
SPWDN
Master software power-down
0x1
RW
0
Normal operation
1
Software master power-down
Table 48 shows the MCS bit settings available with the possible input sample rates vs. the required master clock frequency, as well as the
master clock to bit clock ratio. The b110 thru b111 settings are reserved and not available to the user.
MCLK RATIO AND FREQUENCY
Table 48. MCS Bit Field Setting—MCLK Ratio and Frequency (N/A = Not Applicable)
Input Sample
Frequency, fS (kHz)
Setting 0
b000
Setting 1
b001
Setting 2
b010
Setting 3
b011
Setting 4
b100
Setting 5
b101
Setting 6
b110 thru
b111
8
Ratio
768 f
S
1024 f
S
1536 f
S
2048 f
S
3072 f
S
4096 f
S
Reserved
MCLK
6.144 MHz
8.192 MHz
12.288 MHz
16.384 MHz
24.576 MHz
32.768 MHz
11.025
Ratio
N/A
512 f
S
1024 f
S
1536 f
S
2048 f
S
3072 f
S
Reserved
MCLK
5.6448 MHz
11.2896 MHz
16.9344 MHz
22.5792 MHz
33.8688 MHz
12
Ratio
N/A
512 f
S
1024 f
S
1536 f
S
2048 f
S
3072 f
S
Reserved
MCLK
6.144 MHz
12.288 MHz
18.432 MHz
24.576 MHz
38.864 MHz
16
Ratio
384 f
S
512 f
S
768 f
S
1024 f
S
1536 f
S
2048 f
S
Reserved
MCLK
6.144 MHz
8.192 MHz
12.288 MHz
16.384 MHz
24.576 MHz
32.768 MHz
22.05
Ratio
N/A
256 f
S
512 f
S
768 f
S
1024 f
S
1536 f
S
Reserved
MCLK
5.6448 MHz
11.2896 MHz
16.9344 MHz
22.5792 MHz
33.8688 MHz
24
Ratio
N/A
256 f
S
512 f
S
768 f
S
1024 f
S
1536 f
S
Reserved
MCLK
6.144 MHz
12.288 MHz
18.432 MHz
24.576 MHz
38.864 MHz
32
Ratio
192 f
S
256 f
S
384 f
S
512 f
S
768 f
S
1024 f
S
Reserved
MCLK
6.144 MHz
8.192 MHz
12.288 MHz
16.384 MHz
24.576 MHz
32.768 MHz
44.1
Ratio
N/A
128 f
S
256 f
S
384 f
S
512 f
S
768 f
S
Reserved
MCLK
5.6448 MHz
11.2896 MHz
16.9344 MHz
22.5792 MHz
33.8688 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com