Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSM2529ACBZ-R7 Datasheet(PDF) 40 Page - Analog Devices

Part # SSM2529ACBZ-R7
Description  Digital Input, Mono 2 W, Class-D Audio Power Amplifier
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM2529ACBZ-R7 Datasheet(HTML) 40 Page - Analog Devices

Back Button SSM2529ACBZ-R7 Datasheet HTML 36Page - Analog Devices SSM2529ACBZ-R7 Datasheet HTML 37Page - Analog Devices SSM2529ACBZ-R7 Datasheet HTML 38Page - Analog Devices SSM2529ACBZ-R7 Datasheet HTML 39Page - Analog Devices SSM2529ACBZ-R7 Datasheet HTML 40Page - Analog Devices SSM2529ACBZ-R7 Datasheet HTML 41Page - Analog Devices SSM2529ACBZ-R7 Datasheet HTML 42Page - Analog Devices SSM2529ACBZ-R7 Datasheet HTML 43Page - Analog Devices SSM2529ACBZ-R7 Datasheet HTML 44Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 52 page
background image
SSM2529
Data Sheet
Rev. 0 | Page 40 of 52
EQ5_COEF2_HI REGISTER
Table 111. Address: 0x42, Reset: 0x00, Name: EQ5_COEF2_HI
Bits
Bit Name
Description
Reset
Access
[7:0]
EQ5_COEF2_HI
EQ coefficient
0x00
RW
EQ5_COEF2_LO REGISTER
Table 112. Address: 0x43, Reset: 0x00, Name: EQ5_COEF2_LO
Bits
Bit Name
Description
Reset
Access
[7:0]
EQ5_COEF2_LO
EQ coefficient
0x00
RW
EQ5_COEF3_HI REGISTER
Table 113. Address: 0x44, Reset: 0x00, Name: EQ5_COEF3_HI
Bits
Bit Name
Description
Reset
Access
[7:0]
EQ5_COEF3_HI
EQ coefficient
0x00
RW
EQ5_COEF3_LO REGISTER
Table 114. Address: 0x45, Reset: 0x00, Name: EQ5_COEF3_LO
Bits
Bit Name
Description
Reset
Access
[7:0]
EQ5_COEF3_LO
EQ coefficient
0x00
RW
EQ5_COEF4_HI REGISTER
Table 115. Address: 0x46, Reset: 0x00, Name: EQ5_COEF4_HI
Bits
Bit Name
Description
Reset
Access
[7:0]
EQ5_COEF4_HI
EQ coefficient
0x00
RW
EQ5_COEF4_LO REGISTER
Table 116. Address: 0x47, Reset: 0x00, Name: EQ5_COEF4_LO
Bits
Bit Name
Description
Reset
Access
[7:0]
EQ5_COEF4_LO
EQ coefficient
0x00
RW
EQ6_COEF0_HI REGISTER
Table 117. Address: 0x48, Reset: 0x00, Name: EQ6_COEF0_HI
Bits
Bit Name
Description
Reset
Access
[7:0]
EQ6_COEF0_HI
EQ coefficient
0x00
RW
EQ6_COEF0_LO REGISTER
Table 118. Address: 0x49, Reset: 0x00, Name: EQ6_COEF0_LO
Bits
Bit Name
Description
Reset
Access
[7:0]
EQ6_COEF0_LO
EQ coefficient
0x00
RW
EQ6_COEF1_HI REGISTER
Table 119. Address: 0x4A, Reset: 0x00, Name: EQ6_COEF1_HI
Bits
Bit Name
Description
Reset
Access
[7:0]
EQ6_COEF1_HI
EQ coefficient
0x00
RW
EQ6_COEF1_LO REGISTER
Table 120. Address: 0x4B, Reset: 0x00, Name: EQ6_COEF1_LO
Bits
Bit Name
Description
Reset
Access
[7:0]
EQ6_COEF1_LO
EQ coefficient
0x00
RW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com