Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSM2529ACBZ-R7 Datasheet(PDF) 42 Page - Analog Devices

Part # SSM2529ACBZ-R7
Description  Digital Input, Mono 2 W, Class-D Audio Power Amplifier
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM2529ACBZ-R7 Datasheet(HTML) 42 Page - Analog Devices

Back Button SSM2529ACBZ-R7 Datasheet HTML 38Page - Analog Devices SSM2529ACBZ-R7 Datasheet HTML 39Page - Analog Devices SSM2529ACBZ-R7 Datasheet HTML 40Page - Analog Devices SSM2529ACBZ-R7 Datasheet HTML 41Page - Analog Devices SSM2529ACBZ-R7 Datasheet HTML 42Page - Analog Devices SSM2529ACBZ-R7 Datasheet HTML 43Page - Analog Devices SSM2529ACBZ-R7 Datasheet HTML 44Page - Analog Devices SSM2529ACBZ-R7 Datasheet HTML 45Page - Analog Devices SSM2529ACBZ-R7 Datasheet HTML 46Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 52 page
background image
SSM2529
Data Sheet
Rev. 0 | Page 42 of 52
EQ_CTRL1 REGISTER
Table 129. Address: 0x54, Reset: 0x00, Name: EQ_CTRL1
Bits
Bit Name
Settings
Description
Reset
Access
[7:4]
EQ_RESERVED
Reserved
0x0
RW
3
EQ_UPDING
EQ coefficient updating flag
0x0
R
0
None
1
EQ coefficients updating
2
EQ_UPD_CLR
EQ coefficient update clear
0x0
W
0
Normal operation
1
Interrupt coefficient update
1
EQ_FORMAT
EQ coefficient format selection
0x0
RW
0
Normal
1
Large gain
0
EQ_UPD
EQ coefficient registers update flag
0x0
R
1
Update
0
None
EQ_CTRL2 REGISTER
Table 130. Address: 0x55, Reset: 0x00, Name: EQ_CTRL2
Bits
Bit Name
Settings
Description
Reset
Access
7
EQEN
EQ enable
0x0
RW
0
EQ disable
1
EQ enable
6
EQBP7
EQ Band 7 bypass when EQ enabled
0x0
RW
0
No bypass
1
Bypass EQ Band 7
5
EQBP6
EQ Band 6 bypass when EQ enabled
0x0
RW
0
No bypass
1
Bypass EQ Band 6
4
EQBP5
EQ Band 5 bypass when EQ enabled
0x0
RW
0
No bypass
1
Bypass EQ Band 5
3
EQBP4
EQ Band 4 bypass when EQ enabled
0x0
RW
0
No bypass
1
Bypass EQ Band 4
2
EQBP3
EQ Band 3 bypass when EQ enabled
0x0
RW
0
No bypass
1
Bypass EQ Band 3
1
EQBP2
EQ Band 2 bypass when EQ enabled
0x0
RW
0
No bypass
1
Bypass EQ Band 2
0
EQBP1
EQ Band 1 bypass when EQ enabled
0x0
RW
0
No bypass
1
Bypass EQ Band 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com