Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSM2529ACBZ-R7 Datasheet(PDF) 45 Page - Analog Devices

Part # SSM2529ACBZ-R7
Description  Digital Input, Mono 2 W, Class-D Audio Power Amplifier
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM2529ACBZ-R7 Datasheet(HTML) 45 Page - Analog Devices

Back Button SSM2529ACBZ-R7 Datasheet HTML 41Page - Analog Devices SSM2529ACBZ-R7 Datasheet HTML 42Page - Analog Devices SSM2529ACBZ-R7 Datasheet HTML 43Page - Analog Devices SSM2529ACBZ-R7 Datasheet HTML 44Page - Analog Devices SSM2529ACBZ-R7 Datasheet HTML 45Page - Analog Devices SSM2529ACBZ-R7 Datasheet HTML 46Page - Analog Devices SSM2529ACBZ-R7 Datasheet HTML 47Page - Analog Devices SSM2529ACBZ-R7 Datasheet HTML 48Page - Analog Devices SSM2529ACBZ-R7 Datasheet HTML 49Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 52 page
background image
Data Sheet
SSM2529
Rev. 0 | Page 45 of 52
DRC_CURVE2 REGISTER
Table 135. Address: 0x5A, Reset: 0x00, Name: DRC_CURVE2
Bits
Bit Name
Settings
Description
Reset
Access
7
Reserved
0x0
RW
[6:0]
DRC_CT
DRC compressor threshold setting, relative to input in 0.5 dB steps
0x00
RW
0000000
+6 dB
0000001
+5.5 dB
xxxxxxx
−0.5 dB step
1010000
−35 dB
DRC_CURVE3 REGISTER
Table 136. Address: 0x5B, Reset: 0x00, Name: DRC_CURVE3
Bits
Bit Name
Settings
Description
Reset
Access
7
Reserved
0x0
RW
[6:0]
DRC_SMAX
This is the DRC maximum output signal amplitude setting. This is the maximum output
level produced by the DRC and is used to indicate the upper compressor threshold. The
possible settings are in 0.5 dB steps.
0x00
RW
0000000
+6 dB
0000001
+5.5 dB
xxxxxxx
−0.5 dB step
1010000
−35 dB
DRC_CURVE4 REGISTER
Table 137. Address: 0x5C, Reset: 0x88, Name: DRC_CURVE4
Bits
Bit Name
Settings
Description
Reset
Access
[7:4]
DRC_NT
DRC noise gating threshold setting, relative to input; 16 possible values in 3 dB steps
0x8
RW
0000
−51 dB
0001
−54 dB
xxxx
−3 dB step
1111
−96 dB
[3:0]
DRC_ET
DRC expander threshold setting, relative to input; 16 possible values in 3 dB steps
0x8
RW
0000
−36 dB
0001
−39 dB
xxxx
−3 dB step
1111
−81 dB
DRC_CURVE5 REGISTER
Table 138. Address: 0x5D, Reset: 0x00, Name: DRC_CURVE5
Bits
Bit Name
Settings
Description
Reset
Access
[7:4]
Reserved
0x0
RW
[3:0]
DRC_SMIN
DRC minimum output signal level
0x0
RW
0000
−51 dB(default)
0001
−54 dB
xxxx
−3 dB step
1011
−84 dB
1111
−96 dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com