Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSM2529ACBZ-R7 Datasheet(PDF) 33 Page - Analog Devices

Part # SSM2529ACBZ-R7
Description  Digital Input, Mono 2 W, Class-D Audio Power Amplifier
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM2529ACBZ-R7 Datasheet(HTML) 33 Page - Analog Devices

Back Button SSM2529ACBZ-R7 Datasheet HTML 29Page - Analog Devices SSM2529ACBZ-R7 Datasheet HTML 30Page - Analog Devices SSM2529ACBZ-R7 Datasheet HTML 31Page - Analog Devices SSM2529ACBZ-R7 Datasheet HTML 32Page - Analog Devices SSM2529ACBZ-R7 Datasheet HTML 33Page - Analog Devices SSM2529ACBZ-R7 Datasheet HTML 34Page - Analog Devices SSM2529ACBZ-R7 Datasheet HTML 35Page - Analog Devices SSM2529ACBZ-R7 Datasheet HTML 36Page - Analog Devices SSM2529ACBZ-R7 Datasheet HTML 37Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 52 page
background image
Data Sheet
SSM2529
Rev. 0 | Page 33 of 52
APLL_CTRL5 REGISTER
Table 61. Address: 0x0D, Reset: 0x00, Name: APLL_CTRL5
Bits
Bit Name
Settings
Description
Reset
Access
7
Reserved
Reserved
0x0
RW
[6:3]
R
Integer part of APLL
0x0
RW
0010
R = 2
0011
R = 3
0100
R = 4
0101
R = 5
0110
R = 6
0111
R = 7
1000
R = 8
[2:1]
X
APLL input clock divider
0x0
RW
00
X = 1
01
X = 2
10
X = 3
11
X = 4
0
Type
APLL operation mode
0x0
RW
0
Integer
1
Fractional
APLL_CTRL6 REGISTER
Table 62. Address: 0x0E, Reset: 0x30, Name: APLL_CTRL6
Bits
Bit Name
Settings
Description
Reset
Access
[7:6]
FSYS_DPLL
0x0
RW
00
Analog OSC Clock Rate 1
01
Analog OSC Clock Rate 2
10
Analog OSC Clock Rate 3
11
Analog OSC Clock Rate 4
5
DPLL_BYPASS
0x1
RW
0
Enable DPLL
1
Bypass DPLL (default)
4
APLL_BYPASS
0x1
RW
0
Enable APLL
1
Bypass APLL (default)
3
DPLL_LOCK
0x0
R
0
DPLL not locked
1
DPLL locked
2
APLL_LOCK
0x0
R
0
APLL not locked
1
APLL locked
1
PLLEN
0x0
RW
0
Disable internal PLL (default)
1
Enable internal PLL
0
COREN
Core clock enable
0x0
RW
0
Core clock disable (default)
1
Core clock enable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com