Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSM2529ACBZ-R7 Datasheet(PDF) 35 Page - Analog Devices

Part # SSM2529ACBZ-R7
Description  Digital Input, Mono 2 W, Class-D Audio Power Amplifier
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM2529ACBZ-R7 Datasheet(HTML) 35 Page - Analog Devices

Back Button SSM2529ACBZ-R7 Datasheet HTML 31Page - Analog Devices SSM2529ACBZ-R7 Datasheet HTML 32Page - Analog Devices SSM2529ACBZ-R7 Datasheet HTML 33Page - Analog Devices SSM2529ACBZ-R7 Datasheet HTML 34Page - Analog Devices SSM2529ACBZ-R7 Datasheet HTML 35Page - Analog Devices SSM2529ACBZ-R7 Datasheet HTML 36Page - Analog Devices SSM2529ACBZ-R7 Datasheet HTML 37Page - Analog Devices SSM2529ACBZ-R7 Datasheet HTML 38Page - Analog Devices SSM2529ACBZ-R7 Datasheet HTML 39Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 52 page
background image
Data Sheet
SSM2529
Rev. 0 | Page 35 of 52
HPF_CTRL REGISTER
Table 66. Address: 0x15, Reset: 0x00, Name: HPF_CTRL
Bits
Bit Name
Settings
Description
Reset
Access
[7:6]
Reserved
0x0
RW
[5:2]
HPFCUT
High-pass filter 3 dB cutoff frequency
0x00
RW
0000
3.7 Hz (default)
0001
50 Hz
0010
100 Hz
0011
150 Hz
0100
200 Hz
0101
250 Hz
0110
300 Hz
0111
350 Hz
1000
400 Hz
1001
450 Hz
1010
500 Hz
1011
550 Hz
1100
600 Hz
1101
650 Hz
1110
700 Hz
1111
750 Hz
1
HPFOR
Store/clear high-pass filter dc value when HPF disabled
0x0
RW
0
Clear dc value
1
Store dc value
0
HPFEN
High-pass filter enabled
0x0
RW
0
HPF disabled (default)
1
HPF enabled
EQ1_COEF0_HI REGISTER
Table 67. Address: 0x16, Reset: 0x00, Name: EQ1_COEF0_HI
Bits
Bit Name
Description
Reset
Access
[7:0]
EQ1_COEF0_HI
EQ coefficient
0x00
RW
EQ1_COEF0_LO REGISTER
Table 68. Address: 0x17, Reset: 0x00, Name: EQ1_COEF0_LO
Bits
Bit Name
Description
Reset
Access
[7:0]
EQ1_COEF0_LO
EQ coefficient
0x00
RW
EQ1_COEF1_HI REGISTER
Table 69. Address: 0x18, Reset: 0x00, Name: EQ1_COEF1_HI
Bits
Bit Name
Description
Reset
Access
[7:0]
EQ1_COEF1_HI
EQ coefficient
0x00
RW
EQ1_COEF1_LO REGISTER
Table 70. Address: 0x19, Reset: 0x00, Name: EQ1_COEF1_LO
Bits
Bit Name
Description
Reset
Access
[7:0]
EQ1_COEF1_LO
EQ coefficient
0x00
RW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com