Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS6510 Datasheet(PDF) 15 Page - Micro Analog systems

Part # MAS6510
Description  Capacitive Sensor Signal Interface IC
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS6510 Datasheet(HTML) 15 Page - Micro Analog systems

Back Button MAS6510 Datasheet HTML 11Page - Micro Analog systems MAS6510 Datasheet HTML 12Page - Micro Analog systems MAS6510 Datasheet HTML 13Page - Micro Analog systems MAS6510 Datasheet HTML 14Page - Micro Analog systems MAS6510 Datasheet HTML 15Page - Micro Analog systems MAS6510 Datasheet HTML 16Page - Micro Analog systems MAS6510 Datasheet HTML 17Page - Micro Analog systems MAS6510 Datasheet HTML 18Page - Micro Analog systems MAS6510 Datasheet HTML 19Page - Micro Analog systems Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 32 page
background image
DA6510.009
6 September, 2018
15 (32)
CONVERSION RESULT REGISTERS
(EA…ECHEX)
After measuring capacitance, temperature or supply
voltage the 24-bit conversion result is stored into
three register addresses EA…ECHEX. The MSB
(most significant byte) is at EAHEX, ISB (intermediate
significant byte) at EBHEX and LSB (least significant
byte) at ECHEX.
EEPROM STATUS REGISTER (ED/6DHEX)
The EEPROM status register (ED/6DHEX) indicates if
the stored EEPROM byte is corrupted. The register
is updated after each EEPROM data byte read
command. See table 9 below. The ERROR bit tells
whether a data error has been detected or not. The
DED bit tells whether two or more bit errors have
been detected. The EEPROM can correct internally
only single bit errors i.e. when ERROR=1 and
DED=0. The read EEPROM data byte is corrupted if
ERROR=DED=1.
Table 9. MAS6510 EEPROM status register (ED/6DHEX). Only bits (7:6) are used.
Bit Number
Bit Name
Description
Value
Function
7
ERROR
EEPROM error detection
0
1
No errors
Error detected
6
DED
EEPROM double error detection
0
1
No errors
2 (or more) data errors
5-0
000000
-
TRIMMING CONTROL REGISTER (EE/6EHEX)
The Trimming control register (EE/6EHEX) is used to
select between different trimming operating modes.
See table 10 showing the functions of the Trimming
control register.
After a power-up reset, master reset via XCLR or a
software reset via serial bus the Trimming control
register (EE/6EHEX) gets the value %00000000
(00HEX). This is the normal operating mode for a
trimmed MAS6510
device. In
this
mode
the
capacitive front-end trim values to use (CS, CR and
Gain) are automatically read from the EEPROM
memory in the beginning of each conversion start.
When calibrating a sensor there is an operating
mode in which only the factory calibrated internal
oscillator (OSC) clock trim data is read from the
EEPROM memory. This mode is selected by writing
%10101010 (AAHEX) to the Trimming control register.
In this mode it is possible to run conversion tests for
different
front-end
trim
register
values
before
suitable values are found and programmed to the
EEPROM.
There is also a trimming mode in which all trim data
including the internal oscillator trim data is taken from
the trim registers rather than from the EEPROM. This
mode is selected by writing %11111111 (FFHEX) to
the Trimming control register.
Table 10. Trimming control Register (EE/6EHEX)
Bit Number
Bit Name
Description
Value
Function
7-0
REGEE<7:0>
EEPROM control bits
00000000
10101010
11111111
OTHER
All trim data from EEPROM
(normal operating mode)
Only OSC from EEPROM
All trim data from registers
All trim data from EEPROM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com