Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS6510 Datasheet(PDF) 2 Page - Micro Analog systems

Part # MAS6510
Description  Capacitive Sensor Signal Interface IC
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS6510 Datasheet(HTML) 2 Page - Micro Analog systems

  MAS6510 Datasheet HTML 1Page - Micro Analog systems MAS6510 Datasheet HTML 2Page - Micro Analog systems MAS6510 Datasheet HTML 3Page - Micro Analog systems MAS6510 Datasheet HTML 4Page - Micro Analog systems MAS6510 Datasheet HTML 5Page - Micro Analog systems MAS6510 Datasheet HTML 6Page - Micro Analog systems MAS6510 Datasheet HTML 7Page - Micro Analog systems MAS6510 Datasheet HTML 8Page - Micro Analog systems MAS6510 Datasheet HTML 9Page - Micro Analog systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 32 page
background image
DA6510.009
6 September, 2018
.
2 (32)
BLOCK DIAGRAM
Figure 1. MAS6510 block diagram
FUNCTIONAL DESCRIPTION
MAS6510 can interface both single and dual
capacitance sensors. Single capacitance sensors
should be connected between CS and CC inputs.
The second capacitor of a dual capacitance sensor
should be connected between CR and CC inputs.
A Capacitance-to-Digital Converter (CDC) converts
the input capacitances into a 24-bit output word
(CODE). The converter front-end can be configured
either
for
capacitance
difference
(CS-CR)
or
capacitance ratio (CS-CR)/CS measurement mode.
The ratio mode offers pre-linearization for sensor
signals CS(x) being proportional to ~1/x such as
pressure sensor signals (x=pressure).
Converter resolution is selected by the over
sampling
ratio
(OSR)
setting.
Higher
OSR
corresponds to higher resolution but also longer
conversion time.
There are two internal 22pF capacitance matrices
connected to the CS and the CR inputs. These
matrices are used for sensor offset calibration and
they
are
programmable
by
8-bit
register
(86.3fF/step).
The gain is also programmable with 8-bit resolution
and it sets input range for sensor changing
capacitance
C=CS MAX-CS_MIN.
MAS6510 includes an internal temperature sensor
for
temperature
compensation
purposes.
A
multiplexer in the front-end is used to select the
external capacitive sensor, the internal temperature
sensor or an internal band gap reference voltage in
the VDD level monitoring mode.
Trim and calibration coefficients can be stored in the
256-bit EEPROM memory. In normal mode the
stored trim values for the oscillator frequency, offset
capacitance and gain are automatically read from
the EEPROM memory in the beginning of each
conversion. However, by using Trimming control
register it is also possible to choose taking trimming
values from the trimming registers instead of
EEPROM.
To avoid modification of the EEPROM by mistake
there is an EEPROM write enable bit in the EEPROM
Control Register which needs to be set high (1)
before any changes can be done to the EEPROM.
MAS6510 has an internal clock oscillator making an
external clock unnecessary. To save power it
’s
turned on only when a conversion is running. The
frequency is factory trimmed to 200 kHz using a 6-bit
register. An external clock, connected to the OSC
pin, can however be used when a specific test mode
is chosen. This may be necessary when measuring
larger capacitances which require a slower clock
frequency than which is supported by internal
options.
In temperature measurement mode it is necessary to
always use a regulated supply voltage. This is
achieved by enabling an internal 1.8V voltage
regulator. When enabled the internal regulator is
automatically turned on during conversion and off
when conversion has been finished. Note that the
internal regulator should be enabled only in the
temperature measurement mode but kept disabled
during capacitance and VDD monitoring modes.
MISO
SDA/MOSI
SCL/SCLK
MUX
TEMP

CONTROL
I2C /
SPI
EEPROM
CLK
OSC
XCS
XSPI
EOC
XCLR
CS
CC
CR
VDD
GND
GND
VREG
TEST
VREG
TEST1
TEST2
VDD
OSC
CS_INT
C
R_INT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com