Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS6510 Datasheet(PDF) 5 Page - Micro Analog systems

Part # MAS6510
Description  Capacitive Sensor Signal Interface IC
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS6510 Datasheet(HTML) 5 Page - Micro Analog systems

  MAS6510 Datasheet HTML 1Page - Micro Analog systems MAS6510 Datasheet HTML 2Page - Micro Analog systems MAS6510 Datasheet HTML 3Page - Micro Analog systems MAS6510 Datasheet HTML 4Page - Micro Analog systems MAS6510 Datasheet HTML 5Page - Micro Analog systems MAS6510 Datasheet HTML 6Page - Micro Analog systems MAS6510 Datasheet HTML 7Page - Micro Analog systems MAS6510 Datasheet HTML 8Page - Micro Analog systems MAS6510 Datasheet HTML 9Page - Micro Analog systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
DA6510.009
6 September, 2018
5 (32)
ELECTRICAL CHARACTERISTICS
Operating Conditions: VDD = 2.7V, TA = -40
oC to +85oC, Typ TA = 27oC, SOSC=00, unless otherwise specified.
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Internal offset capacitor
matrix selection
CR_INT
CS_INT
CINT_STEP
OCDACS=255
OCDACR=255
19.8
19.8
22
22
0.0863
24.2
24.2
pF
Changing sensor
capacitance range in
capacitance difference
mode
CDIFF
Normal clock (SOSC=00)
Division by 2 (SOSC=01)
Division by 4 (SOSC=10)
Division by 8 (SOSC=11)
2
2
2
2
20
30
30
30
pF
Maximum allowed
sensor capacitance in
capacitance difference
mode
CS_MAX_DIFF
Normal clock (SOSC=00)
Division by 2 (SOSC=01)
Division by 4 (SOSC=10)
Division by 8 (SOSC=11)
Note 1
20
40
80
160
pF
Changing sensor
capacitance range in
capacitance ratio mode
CRATIO
Note 2
2
20
pF
Maximum allowed
sensor capacitance in
capacitance ratio mode
CS_MAX_RATIO
Note 2
20
pF
Internal temperature
sensor
Linearity
Note 3
±0.4
°C
Slope
OSR=4096
OSR=2048
OSR=1024
OSR=512
OSR=256
65056
65038
65002
8116
1012
LSB/
°C
Non-calibrated, note 3
-4.5
+3.5
%
Offset
Non-calibrated, note 3
-12
+17
°C
Temperature resolution
TN
Temp mode,
TEMPREGEN=1,
OSR=256
0.034
°CRMS
TLSB
0.001
°C/
LSB
VDD voltage resolution
VDD level monitoring
TEMPREGEN=0
OSR=256
Note 4
123
VRMS
Note 1. In capacitance difference mode the maximum allowed sensor and reference capacitor values can be extended further using lower
external oscillator frequency than which is available by SOSC division options; CS_MAX=20pF*200kHz/f OSC_EXT.
Note 2. In capacitance ratio mode also larger capacitances are possible depending on sensor characteristics. Please contact Micro Analog
Systems to check sensor suitability.
Note 3. Guaranteed by design. By first order calibration of offset and slope an overall temperature accuracy close to the linearity accuracy can
be achieved. Further accuracy can be achieved by second order calibration to reduce non-linearity errors. Minimum and maximum values of
temperature sensor gain and offset are guaranteed by design.
Note 4. In case of noisy power supply the VDD level monitoring resolution can be further limited by supply noise.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com