Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS6510 Datasheet(PDF) 3 Page - Micro Analog systems

Part # MAS6510
Description  Capacitive Sensor Signal Interface IC
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS6510 Datasheet(HTML) 3 Page - Micro Analog systems

  MAS6510 Datasheet HTML 1Page - Micro Analog systems MAS6510 Datasheet HTML 2Page - Micro Analog systems MAS6510 Datasheet HTML 3Page - Micro Analog systems MAS6510 Datasheet HTML 4Page - Micro Analog systems MAS6510 Datasheet HTML 5Page - Micro Analog systems MAS6510 Datasheet HTML 6Page - Micro Analog systems MAS6510 Datasheet HTML 7Page - Micro Analog systems MAS6510 Datasheet HTML 8Page - Micro Analog systems MAS6510 Datasheet HTML 9Page - Micro Analog systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
DA6510.009
6 September, 2018
3 (32)
FUNCTIONAL DESCRIPTION
In battery operated applications the VDD of the
MAS6510 can vary along with battery capacity. In
such case the VDD level monitoring feature can be
useful to indicate battery level, help choosing
between different power modes in the system or
even using measured VDD level for compensating
VDD dependencies. In the VDD level monitoring
mode the on-chip regulator has to be disabled.
Communication with MAS6510 is handled by the
serial interface compatible with either a bi-directional
2-wire I2C bus or a 4-wire SPI bus. The XSPI pin is
for selecting which bus type is used.
Note: The 2-wire I2C bus of MAS6510 supports only
basic I2C bus communication protocol but not for
example 10-bit addressing, arbitration and clock
stretching features of the I2C bus specification.
The XCLR pin can be used to hard reset the device
including the serial communication. Device reset is
possible also via serial bus using the reset register.
Connecting VDD triggers internal power on reset
(POR) circuit which resets the device.
Despite of on chip power on reset (POR) circuit it is
recommended to reset the device manually after
every power up to guarantee proper register settings
after any VDD rise conditions.
The EOC pin indicates if a conversion has finished
and the result is ready to be read from the memory
via the serial interface. Using the EOC signal is not
necessary since it is alternatively possible to wait at
least maximum conversion time period before
reading out the result.
ABSOLUTE MAXIMUM RATINGS
All Voltages with Respect to Ground
Parameter
Symbol
Conditions
Min
Max
Unit
Supply Voltage
VDD
-0.3
5.0
V
Voltage Range for All Pins
-0.3
VDD + 0.3
V
Latch-Up Current Limit
ILU
For all pins, test according
to JESD78A.
-100
+100
mA
Junction Temperature
TJmax
+ 150
°C
Storage Temperature
TS
Note 1
- 55
+125
°C
ESD Rating
VHBM
Note 2
±1
kV
VCDM
Note 3
±500V
V
Note: The absolute maximum rating values are stress ratings only. Functional operation of the device at conditions between maximum operating
conditions and absolute maximum ratings is not implied and EEPROM contents may be corrupted. Exposure to these conditions for extended
periods may affect device reliability (e.g. hot carrier degradation, oxide breakdown). Applying conditions above absolute maximum ratings may
be destructive to the devices.
Note: This is a CMOS device and therefore it should be handled carefully to avoid any damage by static voltages (ESD).
Note 1: See EEPROM memory data retention at hot temperature. Storage or bake at hot temperatures will reduce wafer level trimming and
calibration data retention time.
Note 2: JEDEC document JEP155 states that 500V HBM allows safe manufacturing with a standard ESD control process.
Note 3: JEDEC document JEP157 states that 250V CDM allows safe manufacturing with a standard ESD control process.
RECOMMENDED OPERATION CONDITIONS
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Supply Voltage
VDD
Capacitance and VDD level
monitoring modes
Note 1
1.8
2.7
3.6
V
Temperature mode
Note 1
1.9
2.7
3.6
V
Operating Temperature
TA
-40
+25
+85
°C
EEPROM Write
Temperature
TA
Note 2
+10
+25
+40
°C
Note 1. In capacitance measurement and VDD level monitoring the regulator must be disabled (TEMPREGEN=0) which allows operation down
to 1.8V. In temperature measurement the typ 1.8V regulator has to be enabled (TEMPREGEN=1) which limits the minimum supply voltage
down to 1.9V.
Note 2: EEPROM write operation is recommended to be done at room temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com