Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS6510 Datasheet(PDF) 14 Page - Micro Analog systems

Part # MAS6510
Description  Capacitive Sensor Signal Interface IC
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS6510 Datasheet(HTML) 14 Page - Micro Analog systems

Back Button MAS6510 Datasheet HTML 10Page - Micro Analog systems MAS6510 Datasheet HTML 11Page - Micro Analog systems MAS6510 Datasheet HTML 12Page - Micro Analog systems MAS6510 Datasheet HTML 13Page - Micro Analog systems MAS6510 Datasheet HTML 14Page - Micro Analog systems MAS6510 Datasheet HTML 15Page - Micro Analog systems MAS6510 Datasheet HTML 16Page - Micro Analog systems MAS6510 Datasheet HTML 17Page - Micro Analog systems MAS6510 Datasheet HTML 18Page - Micro Analog systems Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 32 page
background image
DA6510.009
6 September, 2018
14 (32)
OSCILLATOR FREQUENCY CONTROL REGISTER (E6/66HEX)
Note that the internal clock oscillator frequency has
been factory trimmed and the trim value has been
stored
in
the
EEPROM
(C6/46HEX).
It
is
recommended
not
to
change
the
factory
programmed value!
The oscillator frequency control register (E6/66HEX)
is for trimming the internal clock oscillator to 200 kHz
frequency. This 200 kHz can be measured at the
OSC pin. The six LSB bits adjust the oscillator period
in 104ns steps. The period increases when the trim
value increases. Typically a register value of 28HEX
corresponds to the nominal 200 kHz clock oscillator
frequency. After finding a suitable trim value it can
be stored to the EEPROM (C6/46HEX).
Table 7. Oscillator frequency control register (E6/66HEX)
Bit Number
Bit Name
Description
Value
Function
5-0
OSCF
Oscillator frequency
control bits
00HEX
…3FHEX
Oscillator frequency control
EEPROM DATA INPUT REGISTER (E8/68HEX)
This register can be ignored by user. It is related to
internal EEPROM operations and updated
automatically during every EEPROM write
operation.
EEPROM WRITE ENABLE REGISTER (E9/69HEX)
The EEPROM is normally write protected. To enable
write the EEPROM write enable register should be
set to %00000100 (04HEX). To disable write the
register should be set to %00000000 (00HEX) which
is the register default value after power-on-rest or
manual reset by XCLR or reset register
. Note: don’t
use any other EEPROM write enable register values
than these two since other register bits are reserved
for internal testing purpose only.
Table 8. EEPROM write enable register (E9/69HEX)
Bit Number
Bit Name
Description
Value
Function
7-3
00000
Reserved. Keep these bits
always 0.
2
EWE
EEPROM write enable
0
1
EEPROM write disabled
EEPROM write enabled
1-0
00
Reserved. Keep these bits
always 0.
After a power-on-reset and in normal operation the
EEPROM write enable register has the default value
00HEX.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com