Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS6510 Datasheet(PDF) 29 Page - Micro Analog systems

Part # MAS6510
Description  Capacitive Sensor Signal Interface IC
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS6510 Datasheet(HTML) 29 Page - Micro Analog systems

Back Button MAS6510 Datasheet HTML 24Page - Micro Analog systems MAS6510 Datasheet HTML 25Page - Micro Analog systems MAS6510 Datasheet HTML 26Page - Micro Analog systems MAS6510 Datasheet HTML 27Page - Micro Analog systems MAS6510 Datasheet HTML 28Page - Micro Analog systems MAS6510 Datasheet HTML 29Page - Micro Analog systems MAS6510 Datasheet HTML 30Page - Micro Analog systems MAS6510 Datasheet HTML 31Page - Micro Analog systems MAS6510 Datasheet HTML 32Page - Micro Analog systems  
Zoom Inzoom in Zoom Outzoom out
 29 / 32 page
background image
DA6510.009
6 September, 2018
29 (32)
APPLICATION INFORMATION
Figure 9. MAS6510 configured for I2C bus communication
Note: MAS6510 has an effective ESD clamp protection structure that can be triggered if the VDD rises too fast.
Therefore,
it’s recommended to use a supply decoupling capacitor having a value of 100nF or higher to slow
down the VDD rise time.
Note: The voltage regulator output VREG does not require external capacitor as shown in figure 9. However, if
an output capacitor is wanted to be used for extra filtering the capacitor value should not be higher than 6.8nF.
Figure 9 presents MAS6510 application circuit using I2C bus.
Resolution Improvement
– Averaging
An averaging technique can be used to remove
conversion errors caused by noise and thus improve
measurement resolution. By doing several A/D
conversions and calculating the average result it’s
possible to average out noise. Theoretically the
noise is reduced by a factor
N
where N is the
number
of
averaged
samples.
A/D
converter
nonlinearities cannot be removed by averaging.
MISO
SDA/MOSI
SCL/SCL
K
MUX
TEMP

CONTROL
I2C /
SPI
EEPROM
CLK
OSC
XCS
XSPI
EOC
XCLR
CS
CC
CR
VDD
GND
optional
MCU
optional
optional
VDD
GND
CS_EXT
CR_EXT
VREG
TEST
VREG
TEST1
TEST2
VDD
OSC
GND
VDD
4k7
4k7
GND
100n
NOTE: It is recommended to use the XCLR reset feature to solve unexpected error state conditions.
C
S_INT
C
R_INT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com