Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS6510 Datasheet(PDF) 30 Page - Micro Analog systems

Part # MAS6510
Description  Capacitive Sensor Signal Interface IC
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS6510 Datasheet(HTML) 30 Page - Micro Analog systems

Back Button MAS6510 Datasheet HTML 24Page - Micro Analog systems MAS6510 Datasheet HTML 25Page - Micro Analog systems MAS6510 Datasheet HTML 26Page - Micro Analog systems MAS6510 Datasheet HTML 27Page - Micro Analog systems MAS6510 Datasheet HTML 28Page - Micro Analog systems MAS6510 Datasheet HTML 29Page - Micro Analog systems MAS6510 Datasheet HTML 30Page - Micro Analog systems MAS6510 Datasheet HTML 31Page - Micro Analog systems MAS6510 Datasheet HTML 32Page - Micro Analog systems  
Zoom Inzoom in Zoom Outzoom out
 30 / 32 page
background image
DA6510.009
6 September, 2018
30 (32)
MAS6510 IN QFN-16 4x4x0.75 PACKAGE (SAMPLES ONLY)
Top Marking Information:
MAS6510 = Product Number,
VVV = Version Number
YYWW = Year Week
XXXXX = Lot Number
QFN-16 4x4x0.75 PIN DESCRIPTION
Pin Name
Pin
Type
Function
Note
XCS
1
DI
Chip Select (SPI)
XSPI
2
DI
SPI / I2C Bus Selection
SPI: XSPI=low
I2C: XSPI=high
MISO
3
DO
Master Input Slave Output (SPI)
VDD
4
P
Power Supply Voltage
SDA_MOSI
5
DI/O
Serial Bus Data (I2C)
Master Output Salve Input (SPI)
SCL_SLCK
6
DI
Serial Bus Clock (I2C / SPI)
XCLR
7
DI
Master Reset
1
VREG
8
AO
Voltage Regulator Output 1.8V
CR
9
AO
Reference Capacitance Pin
CC
10
AI
Common Capacitance Pin
CS
11
AO
Sensing Capacitance Pin
GND
12
G
Power Supply Ground
OSC
13
DI/DO
Oscillator Input / Output
TEST2
14
AI/O
Test pin 2
TEST1
15
DO
Test pin 1
EOC
16
DO
End of Conversion
P = Power, G = Ground, DO = Digital Output, , DI = Digital Input, AO = Analog Output, AI = Analog Input
Note 1: The XCLR pin has internal pull up to VDD. If not used the XCLR pin can be left unconnected.
Note: The exposed pad of the QFN package should be connected to the GND.
EOC 16
TEST1 15
TEST2 14
OSCOUT 13
8 VREG
7 XCLR
6 SCL_SCLK
5 SDA_MOSI
MAS6510
VVV
YYWW
XXXXX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com