Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS6510 Datasheet(PDF) 24 Page - Micro Analog systems

Part # MAS6510
Description  Capacitive Sensor Signal Interface IC
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS6510 Datasheet(HTML) 24 Page - Micro Analog systems

Back Button MAS6510 Datasheet HTML 20Page - Micro Analog systems MAS6510 Datasheet HTML 21Page - Micro Analog systems MAS6510 Datasheet HTML 22Page - Micro Analog systems MAS6510 Datasheet HTML 23Page - Micro Analog systems MAS6510 Datasheet HTML 24Page - Micro Analog systems MAS6510 Datasheet HTML 25Page - Micro Analog systems MAS6510 Datasheet HTML 26Page - Micro Analog systems MAS6510 Datasheet HTML 27Page - Micro Analog systems MAS6510 Datasheet HTML 28Page - Micro Analog systems Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 32 page
background image
DA6510.009
6 September, 2018
24 (32)
TRIMMING FOR SENSOR CAPACITANCE
MAS6510 in capacitance difference mode
Optimal trim settings which adjust capacitive signal to linear conversion range 10%...90% of the CDC are
calculated as follows. At first offset COFS_EXT of external capacitance ranges CS_EXT and CR_EXT is calculated.
COFS_EXT = (
CEXT_MIN + CEXT_MAX) / 2 =
= (CS_EXT_MIN
– CR_EXT_MAX + CS_EXT_MAX – CR_EXT_MIN) / 2
Equation 11.
The offset compensated to zero by using either CS_INT or CR_INT capacitor matrices depending on the offset
polarity.
If COFS_EXT
≥ 0pF
then CR_INT = COFS_EXT and CS_INT = 0pF
else CR_INT = 0pF and CS_INT = -COFS_EXT
Corresponding capacitance matrix register values (decimal) are calculated as follows.
REGE3HEX = OCDACS = (CS_INT/22pF)*255DEC
Equation 12.
REGE4HEX = OCDACR = (CR_INT/22pF)*255DEC
Equation 13.
Optimal gain coefficient (KDIFF) value scales capacitive signal to linear conversion range 10%...90% of the CDC
and it is calculated as follows.
KDIFF = 1.6*CREF / (
CEXT_MAX - CEXT_MIN) =
= 1.6*CREF / (CS_EXT_MAX
– CS_EXT_MIN + CR_EXT_MAX - CR_EXT_MIN)
Equation 14.
where CREF = 6pF ±10%.
Corresponding Gain register (REGE5HEX) value (decimal) can be solved from the equation 4 presented on page
22 as follows.
REGE5HEX = GRDAC = (KDIFF-0.229)/0.02
Equation 15.
Example 1: No external reference capacitor CR_EXT
CS_EXT_MIN = 8pF and CR_EXT_MAX = 0pF at sensed parameter (pressure, humidity etc.) minimum
CS_EXT_MAX = 12pF and CR_EXT_MIN = 0pF at sensed parameter (pressure, humidity etc.) maximum
CR_OFS_EXT = (8pF-0pF+12pF-0pF)/2=10pF
COFS_EXT
≥ 0
CR_INT = COFS_EXT = 10pF and CS_INT = 0
pF
KDIFF = 1.6*6pF/(12pF-8pF+0pF-0pF) = 2.4
REGE3HEX = OCDACS = (0pF/22pF)*255 = 0DEC (CS capacitor matrix)
REGE4HEX = OCDACR = (10pF/22pF)*255 = 115.91  116DEC (CR capacitor matrix)
REGE5HEX = GRDAC = (2.4-0.229)/0.02 = 108.55  109DEC (Gain register)
Example 2: Both CS_EXT and CR_EXT vary but to opposite directions
CS_EXT_MIN = 10pF and CR_EXT_MAX = 14.5pF at sensed parameter (pressure, humidity etc.) minimum
CS_EXT_MAX = 14pF and CR_EXT_MIN = 10pF at sensed parameter (pressure, humidity etc.) maximum
COFS_EXT = (10pF-14.5pF+14pF-10pF)/2 = -0.25pF
COFS_EXT < 0
CR_INT = 0pF and CS_INT = -COFS_EXT = 0.25pF
KDIFF = 1.6*6pF/(14pF-10pF+14.5pF-10pF) = 1.129
REGE3HEX = OCDACS = (0.25pF/22pF)*255 = 2.90  3DEC (CS capacitor matrix)
REGE4HEX = OCDACR = (0pF/22pF)*255 = 0DEC (CR capacitor matrix)
REGE5HEX = GRDAC = (1.129-0.229)/0.02 = 45.00  45DEC (Gain register)
The found REGE3HEX, REGE4HEX and REGE5HEX trim register values need to be stored to corresponding non-
volatile EEPROM addresses. In I2C communication these are C3HEX, C4HEX and C5HEX but in SPI write
communication the addresses are 43HEX, 44HEX and 45HEX since in SPI write the MSB address bit is 0. See table
1 on page 9.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com