Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS6510 Datasheet(PDF) 13 Page - Micro Analog systems

Part # MAS6510
Description  Capacitive Sensor Signal Interface IC
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS6510 Datasheet(HTML) 13 Page - Micro Analog systems

Back Button MAS6510 Datasheet HTML 9Page - Micro Analog systems MAS6510 Datasheet HTML 10Page - Micro Analog systems MAS6510 Datasheet HTML 11Page - Micro Analog systems MAS6510 Datasheet HTML 12Page - Micro Analog systems MAS6510 Datasheet HTML 13Page - Micro Analog systems MAS6510 Datasheet HTML 14Page - Micro Analog systems MAS6510 Datasheet HTML 15Page - Micro Analog systems MAS6510 Datasheet HTML 16Page - Micro Analog systems MAS6510 Datasheet HTML 17Page - Micro Analog systems Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
DA6510.009
6 September, 2018
13 (32)
INTERNAL CS AND CR CAPACITOR MATRIX REGISTERS (E3/63HEX AND E4/64HEX)
There are two internal capacitor matrices CS_INT and
CR_INT that add capacitance in parallel to external
sensor capacitor (CS_EXT) and external reference
capacitor (CR_EXT) respectively. See application
figure 9 on page 30. These offset capacitances are
used to adjust the sensor signal to an optimal CDC
input range. Each capacitor matrix has a selectable
capacitance from 0pF up to 22pF in typical 86.3fF
steps. The three sigma process variation of the
capacitor matrix capacitance is ±10%.
The CS_INT capacitor matrix is controlled by 8-bit
register (E3/63HEX) value OCDACS. See table 4. It
has a corresponding EEPROM address (C3/43HEX)
as non-volatile storage of the trim value. The CR_INT
capacitor matrix is controlled by 8-bit register
(E4/64HEX) value OCDACR. See table 5. It has also
corresponding EEPROM address (C4/44HEX) as non-
volatile storage of the trim value. The internal CS_INT
and CR_INT capacitor matrix capacitance values
depend on OCDACS and OCDACR register values
according to equations 1-2.
After finding suitable CS_INT and CR_INT capacitor
matrix register values the trim values can be stored
in
the
corresponding
non-volatile
EEPROM
addresses.
In normal operating mode these trim values are
automatically read from the EEPROM during each
conversion start. See also table 10 Trimming control
Register (EE/6EHEX) for other operating modes.
255
22
_
OCDACS
pF
C
INT
S
=
Equation 1.
255
22
_
OCDACR
pF
C
INT
R
=
Equation 2.
Table 4. CS_INT internal capacitor matrix register (E3/63HEX), EEPROM address (C3/43HEX)
Bit Number
Bit Name
Description
Value
Function
7-0
OCDACS
CDAC control bits
00HEX
…FFHEX
CS_INT offset trimming
Table 5. CR_INT internal capacitor matrix register (E4/64HEX), EEPROM address (C4/44HEX)
Bit Number
Bit Name
Description
Value
Function
7-0
OCDACR
CDAC control bits
00HEX
…FFHEX
CR_INT offset trimming
GAIN REGISTER (E5/65HEX)
The 8-bit gain register (E5/65HEX) value (GRDAC)
adjusts excitation signal level for the capacitive
sensor.
See
table
6.
Larger
register
value
corresponds to smaller input changing capacitance
range and vice versa. The gain register together with
the CS_INT and the CR_INT capacitor matrix trim
parameters define input capacitance range of
measurement. Ideally the sensor signal is fit
perfectly within the linear input capacitance range of
the CDC. Such trimming maximizes resolution and
dynamic range of the measurement.
The gain register (E5/65HEX) has a corresponding
EEPROM
address
(C5/45HEX)
as
non-voltage
storage of the trim value. After finding a suitable gain
register value it can be stored in the non-volatile
EEPROM memory. In normal operating mode the
gain trim value is read automatically from the
EEPROM during each conversion start.
Table 6. Gain register (E5/65HEX), EEPROM address (C5/45HEX)
Bit Number
Bit Name
Description
Value
Function
7-0
GRDAC
RDAC control bits
00HEX
…FFHEX Gain adjustment by sensor excitation
signal level control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com