Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS6510 Datasheet(PDF) 12 Page - Micro Analog systems

Part # MAS6510
Description  Capacitive Sensor Signal Interface IC
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS6510 Datasheet(HTML) 12 Page - Micro Analog systems

Back Button MAS6510 Datasheet HTML 8Page - Micro Analog systems MAS6510 Datasheet HTML 9Page - Micro Analog systems MAS6510 Datasheet HTML 10Page - Micro Analog systems MAS6510 Datasheet HTML 11Page - Micro Analog systems MAS6510 Datasheet HTML 12Page - Micro Analog systems MAS6510 Datasheet HTML 13Page - Micro Analog systems MAS6510 Datasheet HTML 14Page - Micro Analog systems MAS6510 Datasheet HTML 15Page - Micro Analog systems MAS6510 Datasheet HTML 16Page - Micro Analog systems Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 32 page
background image
DA6510.009
6 September, 2018
12 (32)
MEASUREMENT CONTROL REGISTER (E2/62HEX)
This register is used to configure and initiate a
measurement. See table 3 below. A new conversion
is started simply by writing 8-bit configuration data
having SCO=1 to the measurement control register
(E2/62HEX).
Table 3. Measurement control register (E2/62HEX) description
Bit Number
Bit Name
Description
Value
Function
7-5
OSRS
Over Sampling Ratio
(OSR) Selection
000
001
010
011
100
OSR = 256
OSR = 512
OSR = 1024
OSR = 2048
OSR = 4096
4
TEMPREGEN
Temperature Mode
Regulator Enable
0
1
Voltage regulator disabled
Voltage regulator enabled
3
SCO
Start Conversion
0
1
No conversion
Start conversion
2-1
SEL
Capacitive/ VDD
Monitoring /
Temperature Selection
00
01
10
11
External capacitive sensor
VDD level monitoring
Internal temperature sensor
-
0
XRC
Front end function
selector
0
1
Ratio converter
Difference converter
The OSRS over sampling ratio selection bits choose
between five different OSR values. High OSR value
corresponds to high resolution but also longer
conversion
time.
See
ELECTRICAL
CHARACTERISTICS for further details.
The TEMPREGEN bit enables/disables the internal
temperature mode voltage regulator. Regulator must
be
enabled
(TEMPREGEN=1)
in
temperature
measurement (SEL=10) but it should be disabled
(TEMPREGEN=0)
in
capacitance
and
VDD
monitoring modes. When enabled the regulator is
turned on during conversions and automatically
turned off after each conversion to save power. Note
also that if in Test register FOSC=1 and if
TEMPREGEN=1 the regulator is forced on all the
time even when measurement is not running.
The SCO Start conversion bit needs to be set 1 for
every new measurement. It is automatically reset to
0 after each measurement.
The SEL sensor selection bits control the front-end
multiplexer. It connects either the external capacitive
sensor (SEL=00), VDD level monitoring voltage
(SEL=01)
or
the
internal
temperature
sensor
(SEL=10) to the
-converter.
The XRC bit selects between two external capacitive
sensor measurement modes. The XRC bit selection
does not have any effect on temperature or VDD
level monitoring measurements. In Ratio converter
mode the output will be proportional to capacitance
ratio (CS-CR)/CS. In Difference converter mode the
output will be proportional to capacitance difference
(CS-CR).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com