Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS6510 Datasheet(PDF) 4 Page - Micro Analog systems

Part # MAS6510
Description  Capacitive Sensor Signal Interface IC
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS6510 Datasheet(HTML) 4 Page - Micro Analog systems

  MAS6510 Datasheet HTML 1Page - Micro Analog systems MAS6510 Datasheet HTML 2Page - Micro Analog systems MAS6510 Datasheet HTML 3Page - Micro Analog systems MAS6510 Datasheet HTML 4Page - Micro Analog systems MAS6510 Datasheet HTML 5Page - Micro Analog systems MAS6510 Datasheet HTML 6Page - Micro Analog systems MAS6510 Datasheet HTML 7Page - Micro Analog systems MAS6510 Datasheet HTML 8Page - Micro Analog systems MAS6510 Datasheet HTML 9Page - Micro Analog systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
DA6510.009
6 September, 2018
4 (32)
ELECTRICAL CHARACTERISTICS
Operating Conditions: VDD = 2.7V, TA = -40
oC to +85oC, Typ TA = 27oC, SOSC=00, unless otherwise specified.
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Internal regulator voltage
VREG
Temp mode regulator enabled
Note 1.
1.75
1.8
1.9
V
Standby current
ISTBY
All inputs at VDD, no load
Note 2
0.06
0.5
A
Conversion current
consumption
IDD_CONV
During conversion
Cap. Dif. Reg OFF
Cap. Ratio Reg OFF
Temp Reg ON
VDD Mon. Reg OFF
Note 3
609
565
496
498
1000
950
750
800
A
Average current
consumption
IDD_AVG
1 conversion/s,
Normal clock (SOSC=00)
Cap. Dif. Reg OFF
OSR=4096
OSR=2048
OSR=1024
OSR=512
OSR=256
50.3
25.3
12.9
6.6
3.5
110
55.5
28.2
14.5
7.68
A
Internal system clock
oscillator frequency
fSYS_CLK
Normal clock (SOSC=00)
Division by 2 (SOSC=01)
Division by 4 (SOSC=10)
Division by 8 (SOSC=11)
TEMPREGEN=0, Note 4
150
200
100
50
25
220
kHz
Normal clock (SOSC=00)
TEMPREGEN=1, Note 4
150
180
210
kHz
Sensor excitation
frequency
MCLK
Normal clock (SOSC=00)
Division by 2 (SOSC=01)
Division by 4 (SOSC=10)
Division by 8 (SOSC=11)
TEMPREGEN=0
37.5
50
25
12.5
6.25
52.5
kHz
Capacitance and VDD
monitoring conversion
time
tCONVCV
Normal clock (SOSC=00)
OSR=4096
OSR=2048
OSR=1024
OSR=512
OSR=256
TEMPREGEN=0
82.6
41.6
21.1
10.9
5.8
110
55.5
28.2
14.5
7.68
ms
Temperature conversion
Time
tCONVT
Normal clock (SOSC=00)
OSR=256
TEMPREGEN=1
6.4
7.68
ms
Note 1. Internal regulator must to be enabled only in temperature mode and should be disabled in capacitance and VDD monitoring modes.
Note 2. Leakage current may increase if digital input voltages are not close to VDD (logic level high) or GND (logic level low). Also setting XCS
low activates the EEPROM memory regardless of the XSPI setting and the device consumes 20
A …30A current. To minimize current
consumption XCS should be set low only during time periods when the device is used during SPI communication.
Note 3. Conversion current consumption values are measured using CS=CR=7.33pF (CS and CR capacitor matrix registers E3/63HEX and
E4/64HEX have value 55HEX)
Note 4. The clock oscillator is factory calibrated. Calibration stored in the Oscillator frequency trim data EEPROM address (C6/46HEX).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com