Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS6510 Datasheet(PDF) 26 Page - Micro Analog systems

Part # MAS6510
Description  Capacitive Sensor Signal Interface IC
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS6510 Datasheet(HTML) 26 Page - Micro Analog systems

Back Button MAS6510 Datasheet HTML 22Page - Micro Analog systems MAS6510 Datasheet HTML 23Page - Micro Analog systems MAS6510 Datasheet HTML 24Page - Micro Analog systems MAS6510 Datasheet HTML 25Page - Micro Analog systems MAS6510 Datasheet HTML 26Page - Micro Analog systems MAS6510 Datasheet HTML 27Page - Micro Analog systems MAS6510 Datasheet HTML 28Page - Micro Analog systems MAS6510 Datasheet HTML 29Page - Micro Analog systems MAS6510 Datasheet HTML 30Page - Micro Analog systems Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 32 page
background image
DA6510.009
6 September, 2018
26 (32)
TRIMMING FOR SENSOR CAPACITANCE (continued)
Example 2: Only CS_EXT varies but fixed CR_EXT exists
CS_EXT_MIN=9pF and CR_EXT_MAX=10pF at sensed parameter (pressure, humidity etc.) minimum
CS_EXT_MAX=14pF and CR_EXT_MIN=10pF at sensed parameter (pressure, humidity etc.) maximum
COFS = [0.9*14pF*(9pF-10pF)-0.1*9pF*(14pF-10pF)]/(0.9*14pF-0.1*9pF)= -1.38pF < 0
CR_INT = 0pF
a = 0.8
b = 0.9*(14pF+9pF-10pF)-0.1*(14pF+9pF-10pF)= 10.4pF
c = 0.9*14pF*(9pF-10pF)-0.1*9pF*(14pF-10pF)= -16.2 pF^2
CS_INT1 = {-10.4pF+
 [(10.4pF)^2-4*0.8*(-16.2)pF^2]}/2/0.8= 1.406pF
CS_INT2 = {-10.4pF-
 [(10.4pF)^2-4*0.8*(-16.2)pF^2]}/2/0.8= -14.406pF
CS_INT = 1.406pF
KRATIO = 0.1*(9pF+1.406pF)/(9pF+1.406pF-10pF-0pF) = 2.563
REGE3HEX = OCDACS = (1.406pF/22pF)*255 = 16.29  16DEC (CS capacitor matrix)
REGE4HEX = OCDACR = (0pF/22pF)*255 = 0DEC (CR capacitor matrix)
REGE5HEX = GRDAC = 193.8/2.563 = 75.61  76DEC (Gain register)
Example 3: Both CS_EXT and CR_EXT vary but to opposite directions
CS_EXT_MIN=10pF and CR_EXT_MAX=14.5pF at sensed parameter (pressure, humidity etc.) minimum
CS_EXT_MAX=14pF and CR_EXT_MIN=10pF at sensed parameter (pressure, humidity etc.) maximum
COFS = [0.9*14pF*(10pF-14.5pF)-0.1*10pF*(14pF-10pF)]/(0.9*14pF-0.1*10pF) = -5.23pF < 0
CR_INT = 0pF
a = 0.8
b = 0.9*(14pF+10pF-14.5pF)-0.1*(14pF+10pF-10pF) = 7.15pF
c = 0.9*14pF*(10pF-14.5pF)-0.1*10pF*(14pF-10pF) = -60.7 pF^2
CS_INT1 = {-7.15pF+
 [(7.15pF)^2-4*0.8*(-60.7)pF^2]}/2/0.8 = 5.321pF
CS_INT2 = {-7.15pF-
 [(7.15pF)^2-4*0.8*(-60.7)pF^2]}/2/0.8 = -14.259pF
CS_INT = 5.321pF
KRATIO = 0.1*(10pF+5.321pF)/(10pF+5.321pF-14.5pF-0pF) = 1.866
REGE3HEX = OCDACS = (5.321pF/22pF)*255 = 61.68  62DEC (CS capacitor matrix)
REGE4HEX = OCDACR = (0pF/22pF)*255 = 0DEC (CR capacitor matrix)
REGE5HEX = GRDAC = 193.8/1.866 = 103.86  104DEC (Gain register)
The found REGE3HEX, REGE4HEX and REGE5HEX trim register values need to be stored to corresponding non-
volatile EEPROM addresses. In I2C communication these are C3HEX, C4HEX and C5HEX but in SPI write
communication the addresses are 43HEX, 44HEX and 45HEX since in SPI write the MSB address bit is 0. See table
1 on page 9.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com