Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS6510 Datasheet(PDF) 28 Page - Micro Analog systems

Part # MAS6510
Description  Capacitive Sensor Signal Interface IC
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS6510 Datasheet(HTML) 28 Page - Micro Analog systems

Back Button MAS6510 Datasheet HTML 24Page - Micro Analog systems MAS6510 Datasheet HTML 25Page - Micro Analog systems MAS6510 Datasheet HTML 26Page - Micro Analog systems MAS6510 Datasheet HTML 27Page - Micro Analog systems MAS6510 Datasheet HTML 28Page - Micro Analog systems MAS6510 Datasheet HTML 29Page - Micro Analog systems MAS6510 Datasheet HTML 30Page - Micro Analog systems MAS6510 Datasheet HTML 31Page - Micro Analog systems MAS6510 Datasheet HTML 32Page - Micro Analog systems  
Zoom Inzoom in Zoom Outzoom out
 28 / 32 page
background image
DA6510.009
6 September, 2018
28 (32)
VDD LEVEL MONITORING MODE
The MAS6510 has VDD level monitoring feature to
measure supply voltage level which is useful
especially in battery operated systems. In systems in
which VDD can vary the VDD level monitoring could
be also used to compensate VDD dependency.
The VDD level monitoring measurement is started by
writing configuration data to the measurement
control register (E2/62HEX). In the VDD level
monitoring mode the regulator has to be disabled
(TEMPREGEN=0)
and
VDD
level
monitoring
selected
(SEL=01).
The
ratio
and
difference
converter bit (XRC) selection does not have any
influence on the result.
Typically the smallest over sampling ratio (OSR)
selection 256 offers sufficient resolution for the VDD
level monitoring.
VDD level monitoring model
The VDD level monitoring model for output code is following.
 −
=
VDD
b
a
CODEFS
CODE
Equation 23.
The output has inverse relationship to supply voltage VDD. The OSR selects full scale output code range value
CODEFS. See ELECTRICAL CHARACTERISTICS for CODEFS at different OSR values.
The typical VDD level monitoring model parameter values a and b are as follows.
a=1.6375
b=2.6942
Note that these parameter values are subject to about two percent variations.
The supply voltage VDD can be solved from the output result as follows.
CODEFS
CODE
a
b
VDD
=
Equation 24.
Figure 7 presents typical output code as function of supply voltage at OSR=256 (CODEFS=227328).
Figure 8 present supply voltage as function of output code at OSR=256 (CODEFS=227328).
Figure 7. CODE(VDD) at VDD level monitoring
Figure 8. VDD(CODE) at VDD level monitoring
30000
60000
90000
120000
150000
180000
210000
1.8
2
2.2
2.4
2.6
2.8
3
3.2
3.4
3.6
VDD [V]
1.8
2.0
2.2
2.4
2.6
2.8
3.0
3.2
3.4
3.6
30000
60000
90000
120000 150000 180000 210000
CODE [LSB]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com