Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS6510 Datasheet(PDF) 27 Page - Micro Analog systems

Part # MAS6510
Description  Capacitive Sensor Signal Interface IC
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS6510 Datasheet(HTML) 27 Page - Micro Analog systems

Back Button MAS6510 Datasheet HTML 23Page - Micro Analog systems MAS6510 Datasheet HTML 24Page - Micro Analog systems MAS6510 Datasheet HTML 25Page - Micro Analog systems MAS6510 Datasheet HTML 26Page - Micro Analog systems MAS6510 Datasheet HTML 27Page - Micro Analog systems MAS6510 Datasheet HTML 28Page - Micro Analog systems MAS6510 Datasheet HTML 29Page - Micro Analog systems MAS6510 Datasheet HTML 30Page - Micro Analog systems MAS6510 Datasheet HTML 31Page - Micro Analog systems Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 32 page
background image
DA6510.009
6 September, 2018
27 (32)
TEMPERATURE MODE
The MAS6510 has an internal temperature sensor
for temperature measurement. The temperature
sensor
output
is
proportional
to
absolute
temperature (PTAT). The temperature information is
needed for temperature indication and temperature
compensation.
The temperature measurement is started by writing
configuration data to the measurement control
register (E2/62HEX). In the temperature measurement
the
internal
regulator
has
to
be
enabled
(TEMPREGEN=1) and the internal temperature
sensor selected (SEL=10). The ratio and difference
converter bit (XRC) selection does not have any
influence on the result. Typically already the smallest
over sampling ratio (OSR) selection 256 offers
sufficient
resolution
for
the
temperature
measurement.
The internal temperature sensor has offset and gain
variation but small non-linearity (see Electrical
Characteristics table). Depending on temperature
measurement accuracy requirement the offset, the
gain and the non-linearity all can be compensated by
external calculations. In low precision the offset and
gain calibration is sufficient but in high precision the
second
order
non-linearity calibration
can
be
included.
Linear temperature sensor model
The linear temperature measurement model for output code is following.
(
)
(
)
REF
T
T
b
a
CODEFS
CODE
−
+
=
Equation 21.
The OSR selects full scale output code range value CODEFS. See ELECTRICAL CHARACTERISTICS for
CODEFSDIFF at different OSR values. If the temperature T is presented in °C and referenced to TREF=0°C then
the typical linearized temperature sensor model parameter values a and b are as follows.
a=0.38944
b=4.4329e-3
However it should be noted that the sensor has significant offset (parameter a) variation and also the gain
(parameter b) has some variation and that the above values represent only typical values. The non-linearity
temperature error after offset and gain calibration (best fit line) is typically <±0.5°C in the temperature range -
40°C…+85°C.
2nd order temperature sensor model
For higher precision the 2nd order temperature measurement model for output code is following
(
)
(
)
(
)2
REF
REF
T
T
c
T
T
b
a
CODEFS
CODE
−
+
−
+
=
Equation 22.
If the temperature T is presented in °C and referenced to TREF=0°C then the typical 2nd order temperature sensor
model parameter values a, b and c are as follows.
a=0.38826
b=4.3967e-3
c=8.1098e-7
Above sensor model parameters are typical values which are subject to variations. The temperature error after
offset, gain and 2nd order non-linearity calibration is typically <±0.1°C in the temperature range -
40°C…+85°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com