Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS6510 Datasheet(PDF) 25 Page - Micro Analog systems

Part # MAS6510
Description  Capacitive Sensor Signal Interface IC
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS6510 Datasheet(HTML) 25 Page - Micro Analog systems

Back Button MAS6510 Datasheet HTML 21Page - Micro Analog systems MAS6510 Datasheet HTML 22Page - Micro Analog systems MAS6510 Datasheet HTML 23Page - Micro Analog systems MAS6510 Datasheet HTML 24Page - Micro Analog systems MAS6510 Datasheet HTML 25Page - Micro Analog systems MAS6510 Datasheet HTML 26Page - Micro Analog systems MAS6510 Datasheet HTML 27Page - Micro Analog systems MAS6510 Datasheet HTML 28Page - Micro Analog systems MAS6510 Datasheet HTML 29Page - Micro Analog systems Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 32 page
background image
DA6510.009
6 September, 2018
25 (32)
TRIMMING FOR SENSOR CAPACITANCE (continued)
MAS6510 in capacitance ratio mode
Optimal trim settings which adjust capacitive signal to linear conversion range 10%...90% of the CDC are found
as follows.
COFS = [0.9*CS_EXT_MAX*(CS_EXT_MIN
– CR_EXT_MAX) – 0.1*CS_EXT_MIN *(CS_EXT_MAX - CR_EXT_MIN)] /
[0.9*CS_EXT_MAX - 0.1*CS_EXT_MIN]
Equation 16.
If COFS
≥ 0pF
then CR_INT = COFS and CS_INT = 0pF
else CR_INT = 0pF and CS_INT is calculated as follows.
a = 0.8
b = 0.9*(CS_EXT_MAX + CS_EXT_MIN
– CR_EXT_MAX) – 0.1*(CS_EXT_MAX + CS_EXT_MIN - CR_EXT_MIN) Equation 17a.
c = 0.9*CS_EXT_MAX *(CS_EXT_MIN
– CR_EXT_MAX) – 0.1*CS_EXT_MIN *(CS_EXT_MAX - CR_EXT_MIN)
Equation 17b.
CS_INT1 = [-b+
(b^2-4*a*c)]/2/a
Equation 17c.
CS_INT2 = [-b-
(b^2-4*a*c)]/2/a
Equation 17d.
If CS_INT1
≥ 0pF then CS_INT = CS_INT1 else CS_INT= CS_INT2
If CR_EXT does not exist (CR_EXT = 0pF) the equation 16 simplifies to following form.
COFS = CR_INT = 0.8*CS_EXT_MAX*CS_EXT_MIN / (0.9*CS_EXT_MAX - 0.1*CS_EXT_MIN)
Equation 18.
Corresponding capacitance matrix register (REGE3HEX and REGE4HEX) values (decimal) are calculated using
equations 12 and 13 presented on page 24.
Optimal gain coefficient (KRATIO) value is calculated as follows.
KRATIO = 0.1 * (CS_EXT_MIN + CS_INT) / (CS_EXT_MIN + CS_INT
– CR_EXT_MAX - CR_INT) =
Equation 19a.
= 0.9 * (CS_EXT_MAX + CS_INT) / (CS_EXT_MAX + CS_INT
– CR_EXT_MIN - CR_INT)
Equation 19b.
Corresponding Gain register (REGE5HEX) value (decimal) can be solved from the equation 10 presented on page
23 as follows.
GRDAC = 193.8/ KRATIO (see table 6 for Gain register setting)
Equation 20.
Example 1: Only CS_EXT varies and CR_EXT does not exist (CR_EXT = 0pF)
CS_EXT_MIN=4pF at sensed parameter (pressure, humidity etc.) minimum
CS_EXT_MAX=12pF at sensed parameter (pressure, humidity etc.) maximum
CR_EXT_MIN/MAX = 0pF (no external reference capacitor)
COFS = 0.8*12pF*4pF/(0.9*12pF-0.1*4pF) = 3.69pF
≥ 0
CR_INT = COFS = 3.69pF and CS_INT = 0pF
KRATIO = 0.1*(4pF+0pF)/(4pF-0pF-0pF-3.69pF) = 1.3
REGE3HEX = OCDACS = (0pF/22pF)*255 = 0DEC (CS capacitor matrix)
REGE4HEX = OCDACR = (3.69pF/22pF)*255  43DEC (CR capacitor matrix)
REGE5HEX = GRDAC = 193.8/1.3 = 149.08  149DEC (Gain register)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com