Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS6510 Datasheet(PDF) 22 Page - Micro Analog systems

Part # MAS6510
Description  Capacitive Sensor Signal Interface IC
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS6510 Datasheet(HTML) 22 Page - Micro Analog systems

Back Button MAS6510 Datasheet HTML 18Page - Micro Analog systems MAS6510 Datasheet HTML 19Page - Micro Analog systems MAS6510 Datasheet HTML 20Page - Micro Analog systems MAS6510 Datasheet HTML 21Page - Micro Analog systems MAS6510 Datasheet HTML 22Page - Micro Analog systems MAS6510 Datasheet HTML 23Page - Micro Analog systems MAS6510 Datasheet HTML 24Page - Micro Analog systems MAS6510 Datasheet HTML 25Page - Micro Analog systems MAS6510 Datasheet HTML 26Page - Micro Analog systems Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 32 page
background image
DA6510.009
6 September, 2018
22 (32)
CAPACITANCE MEASUREMENT MODES
MAS6510 has two capacitance measurement modes. Selection between modes is done by XRC bit in the
Measurement control register (E2/62HEX). Capacitance difference mode is selected by XRC=1 and capacitance
ratio mode by XRC=0. See table 3 on page 12.
Capacitance difference mode
In the capacitance difference mode the CDC output result (CODE) is proportional to capacitance difference
C=(CS-CR) where the CS is overall capacitance between CS and CC pins and the CR is overall capacitance
between CR and CC pins. See equation 3.


−
+
=


 
+
=
DIFF
REF
R
S
DIFF
REF
K
C
C
C
CODEFS
K
C
C
CODEFS
CODE
1
2
1
2
Equation 3.
where
CODEFS = Maximum output code range which depends on OSR selection. See page 7
“Full scale output code
range” specification in the ELECTRICAL CHARACTERISTICS table.
KDIFF = 0.229+0.02*GRDAC (see table 6 for Gain register setting)
Equation 4.
CREF = 6pF ±10%
Internal reference capacitor
CS = CS_EXT + CS_INT
External sensor + internal sensor matrix capacitance
Equation 5a.
between CS and CC pins
CR = CR_EXT + CR_INT
External reference + internal reference matrix capacitance
Equation 5b.
between CR and CC pins
CEXT = CS_EXT – CR_EXT Capacitance difference of external capacitances
CINT = CS_INT – CR_INT Capacitance difference of internal offset capacitance matrices
Equation 5c.
C = (CS-CR) = (CS_EXT + CS_INT) - (CR_EXT + CR_INT) = CEXT + CINT
Equation 5d.
Overall capacitance difference
In capacitance difference mode either CS_EXT, CR_EXT or both external capacitances can vary.
Substituting equation 5d to equation 3 lead to equation 6.


+
+
=
DIFF
REF
INT
EXT
K
C
C
C
CODEFS
CODE
1
2
Equation 6.
From equations 5c and 6 we see that offset trimming of the CODE is achieved using internal capacitance matrices
which define the
CINT = CS_INT – CR_INT term. Increasing CS_INT increases CODE and increasing CR_INT decreases
CODE. The CS_INT and CR_INT capacitances are adjusted by OCDACS and OCDACR settings respectively (see
Internal capacitor matrix registers in tables 4 and 5). Gain trimming is achieved by gain register GRDAC value
(see Gain register in table 6) which adjusts gain coefficient (KDIFF) according to equation 4.
The CDC output result (CODE) ranges from 0 to CODEFS. These correspond to following minimum (
CEXT_MIN)
and maximum (
CEXT_MAX) external input capacitance difference and overall external changing capacitance
(
CEXT_TOT) values.
INT
DIFF
REF
MIN
EXT
C
K
C
C
−
−
=
_
,
INT
DIFF
REF
MAX
EXT
C
K
C
C
−
=
_
Equations 7a, 7b
DIFF
REF
MIN
EXT
MAX
EXT
TOT
EXT
K
C
C
C
C
=
−
=
2
_
_
_
Equations 7c.
However linear measurement range of CDC is from 10% to 90% of CODEFS. To avoid non-linearity error in the
measurements the capacitive front-end should be trimmed to keep the measured external capacitance within the
linear measurement range of the CDC. In the linear measurement range the minimum (
CEXT_LIN_MIN) and
maximum (
CEXT_LIN_MAX) external capacitance difference and overall external changing capacitance
(
CEXT_LIN_TOT) values are as follows.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com