Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GS3471 Datasheet(PDF) 29 Page - Semtech Corporation

Part # GS3471
Description  3G, HD, SD SDI Receiver, with Integrated Adaptive Cable Equalizer
PDF  179 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS3471 Datasheet(HTML) 29 Page - Semtech Corporation

Back Button GS3471 Datasheet HTML 25Page - Semtech Corporation GS3471 Datasheet HTML 26Page - Semtech Corporation GS3471 Datasheet HTML 27Page - Semtech Corporation GS3471 Datasheet HTML 28Page - Semtech Corporation GS3471 Datasheet HTML 29Page - Semtech Corporation GS3471 Datasheet HTML 30Page - Semtech Corporation GS3471 Datasheet HTML 31Page - Semtech Corporation GS3471 Datasheet HTML 32Page - Semtech Corporation GS3471 Datasheet HTML 33Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 179 page
background image
GS3471
Final Data Sheet Rev.4
PDS-060498
September 2017
29 of 179
Semtech
www.semtech.com
4.4.2 Low Latency Video Path
The GS3471 has a low latency mode of operation for audio and ancillary data extraction.
Audio can be extracted without incurring any associated delay if the error correction
feature and audio packet delete feature are not required. The device will automatically
select low latency mode if the ALL_DEL CSR bit is set LOW (SD) or ALL_DEL CSR bit is
set LOW and ECC_OFF CSR bit is set HIGH (HD/3G). This means that in low latency mode
for audio, ECC errors in the HD/3G audio data packets will not be corrected and no audio
packets will be deleted from the data stream after extraction. If either of these features
are desired, then a delay will be incurred through the audio extraction blocks. To
maintain consistent delay independent of selected features, the
LOW_LATENCY_BYPASS bit must be set HIGH.
Ancillary data will automatically be extracted without incurring any associated delay if
the ANC_DATA_DEL CSR bit is set LOW.
4.4.3 SMPTE and SMPTE Bypass Mode
The GS3471 has the ability to run either in SMPTE mode or SMTPE Bypass mode.
In SMPTE mode (SMPTE_BYPASS = HIGH), the timing signal generator becomes
operational, video signals error detection and SMPTE processing functions are available,
and the retimer PLL locks to valid SMPTE video.
In SMPTE Bypass mode (SMPTE_BYPASS = LOW), the GS3471 operates either in
DVB-ASI mode or Data-Through mode. When operating in SMPTE Bypass mode, none of
the SMPTE detection and processing functions are available.
4.4.3.1 Descrambling and Word Alignment
The GS3471 performs NRZI (Non Return to Zero Invert) to NRZ (Non Return to Zero)
decoding and data descrambling according to SMPTE ST 424/SMPTE ST 292/SMPTE ST
259-C and word aligns the data to TRS sync words.
When operating in Manual mode (AUTO_MAN = LOW), the device only carries out
SMPTE decoding, descrambling, and word alignment, when the SMPTE_BYPASS bit is
set HIGH and the DVB_ASI bit is set LOW.
When operating in Auto mode (AUTO_MAN = HIGH), the GS3471 carries out
descrambling and word alignment to enable the detection of TRS sync words. When
two consecutive valid TRS words (SAV and EAV), with the same bit alignment have been
detected, the device word-aligns the data to the TRS ID words.
TRS ID word detection is a continuous process. The device remains in SMPTE mode until
TRS ID words fail to be detected.
Note 1: Both 8-bit and 10-bit TRS headers are identified by the device.
Note 2: In 3G Level B mode, the device only supports Data Stream 1 and Data Stream 2
having the same bit width (i.e. both data streams contain 8-bit data, or both data
streams contain 10-bit data). If the bit widths between the two data streams are
different, the GS3471 cannot word align the input stream. When SMPTE_BYPASS is
HIGH and the device is set to Auto mode, it will continuously try to lock.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com