Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GS3471 Datasheet(PDF) 61 Page - Semtech Corporation

Part # GS3471
Description  3G, HD, SD SDI Receiver, with Integrated Adaptive Cable Equalizer
PDF  179 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS3471 Datasheet(HTML) 61 Page - Semtech Corporation

Back Button GS3471 Datasheet HTML 57Page - Semtech Corporation GS3471 Datasheet HTML 58Page - Semtech Corporation GS3471 Datasheet HTML 59Page - Semtech Corporation GS3471 Datasheet HTML 60Page - Semtech Corporation GS3471 Datasheet HTML 61Page - Semtech Corporation GS3471 Datasheet HTML 62Page - Semtech Corporation GS3471 Datasheet HTML 63Page - Semtech Corporation GS3471 Datasheet HTML 64Page - Semtech Corporation GS3471 Datasheet HTML 65Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 179 page
background image
GS3471
Final Data Sheet Rev.4
PDS-060498
September 2017
61 of 179
Semtech
www.semtech.com
Note 1: See Section 4.21 for Audio Error Status.
Note 2: In 3G Level B mode, separate Video Error Mask registers exist for Link A and Link
B.
4.18.1 TRS Error Detection
TRS error flags are generated by the GS3471 under the following two conditions:
1. A phase shift in received TRS timing is observed.
2. The received TRS Hamming codes are incorrect
Both SAV and EAV TRS words are checked for timing and data integrity errors.
For HD mode, only the Y channel TRS codes are checked for errors.
For 3G mode Level A signals, only Data Stream 1 TRS codes are checked for errors. For
3G Level B signals, the Y channel TRS codes of both Link A and Link B are checked for
errors.
Both 8-bit and 10-bit TRS code words are checked for errors.
Table 4-13: Error Status Register and Error Mask Register
Video Error Status Register
Video Error Mask Register
EAV_ERR
EAV_ERR_MASK (848h, 849h, 84Ah)
SAV_ERR
SAV_ERR_MASK (848h, 849h, 84Ah)
YCRC_ERR
YCRC_ERR_MASK (848h, 849h, 84Ah)
CCRC_ERR
CCRC_ERR_MASK (848h, 849h, 84Ah)
LNUM_ERR
LNUM_ERR_MASK (848h, 849h, 84Ah)
YCS_ERR_[2:1]
YCS_ERR_MASK (848h, 849h, 84Ah)
CCS_ERR_[2:1]
CCS_ERR_MASK (848h, 849h, 84Ah)
AP_CRC_ERR
AP_CRC_ERR_MASK (848h, 849h, 84Ah)
FF_CRC_ERR
FF_CRC_ERR_MASK (848h, 849h, 84Ah)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com