Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GS3471 Datasheet(PDF) 72 Page - Semtech Corporation

Part # GS3471
Description  3G, HD, SD SDI Receiver, with Integrated Adaptive Cable Equalizer
PDF  179 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS3471 Datasheet(HTML) 72 Page - Semtech Corporation

Back Button GS3471 Datasheet HTML 68Page - Semtech Corporation GS3471 Datasheet HTML 69Page - Semtech Corporation GS3471 Datasheet HTML 70Page - Semtech Corporation GS3471 Datasheet HTML 71Page - Semtech Corporation GS3471 Datasheet HTML 72Page - Semtech Corporation GS3471 Datasheet HTML 73Page - Semtech Corporation GS3471 Datasheet HTML 74Page - Semtech Corporation GS3471 Datasheet HTML 75Page - Semtech Corporation GS3471 Datasheet HTML 76Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 179 page
background image
GS3471
Final Data Sheet Rev.4
PDS-060498
September 2017
72 of 179
Semtech
www.semtech.com
In SD mode, ancillary data is placed in the LSW of the FIFO. The MSW is set to zero.
If the ANC_TYPE[5:1]_DS[2:1] registers are all set to zero, the device extracts all types
of ancillary data. If programmable ancillary data extraction is required, then up to five
types of ancillary data to be extracted can be programmed in the
ANC_TYPE_[5:1]_DS[2:1] registers (see Section 4.19.1).
Additionally, the lines from which the packets are to be extracted can be programmed
into the ANC_LINEA and ANC_LINEB registers, allowing ancillary data from a maximum
of two lines per frame to be extracted. If only one line number register is programmed
(with the other set to zero), ancillary data packets are extracted from one line per frame
only. When both registers are set to zero, the device extracts packets from all lines.
To start Ancillary Data Extraction, the ANC_DATA_EXT_MASK bit of the host interface
must be set LOW. Ancillary data packet extraction begins in the following frame (see
Figure 4-38: Ancillary Data Extraction - Step A).
Figure 4-38: Ancillary Data Extraction - Step A
Ancillary data is written into Bank A until full. The Y/1ANC and C/2ANC output flags can
be used to determine the length of the ancillary data extracted and when to begin
reading the extracted data from memory.
While the ANC_DATA_EXT_MASK bit is set LOW, the ANC_DATA_SWITCH bit can be
set HIGH during or after reading the extracted data. New data is then written into Bank
B (up to 1024 x 16-bit words), at the corresponding host interface addresses (see Figure
4-39: Ancillary Data Extraction - Step B).
ANCDATA
ANCDATA
ANCDATA
ANCDATA
ANCDATA
ANCDATA
ANCDATA
0
1023
ApplicationLayer
ReadPointer
Internal Write
Pointer
BankA
ANC_DATA_SWITCH=LOW
0
1023
BankB
C00
C00
FFF
FFF
h
h
h
h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com