Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GS3471 Datasheet(PDF) 92 Page - Semtech Corporation

Part # GS3471
Description  3G, HD, SD SDI Receiver, with Integrated Adaptive Cable Equalizer
PDF  179 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS3471 Datasheet(HTML) 92 Page - Semtech Corporation

Back Button GS3471 Datasheet HTML 88Page - Semtech Corporation GS3471 Datasheet HTML 89Page - Semtech Corporation GS3471 Datasheet HTML 90Page - Semtech Corporation GS3471 Datasheet HTML 91Page - Semtech Corporation GS3471 Datasheet HTML 92Page - Semtech Corporation GS3471 Datasheet HTML 93Page - Semtech Corporation GS3471 Datasheet HTML 94Page - Semtech Corporation GS3471 Datasheet HTML 95Page - Semtech Corporation GS3471 Datasheet HTML 96Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 179 page
background image
GS3471
Final Data Sheet Rev.4
PDS-060498
September 2017
92 of 179
Semtech
www.semtech.com
4.22.3.1 GSPI Link Disable Operation
It is possible to disable the direct SDIN to SDOUT (Loop-Through) connection by writing
a value of 1 to the GSPI_LINK_DISABLE bit in REGISTER_0. When disabled, any data
appearing at the SDIN pin will not appear at the SDOUT pin and the SDOUT pin is HIGH.
Note: Disabling the Loop-Through operation is temporarily required when initializing
the Unit Address for up to 32 connected devices.
The time required to enable/disable the Loop-Through operation from assertion of the
register bit is less than the GSPI configuration command delay as defined by the
parameter tcmd_GSPI_config (4 SCLK cycles).
Figure 4-52: GSPI_LINK_DISABLE Operation
4.22.3.2 GSPI Bus-Through Operation
Using GSPI Bus-Through operation, the GS3471 can share a common PCB trace with
other GSPI devices for SDOUT output.
When configured for Bus-Through operation, by setting
GSPI_BUS_THROUGH_ENABLE bit to 1, the SDOUT pin will be high-impedance when
the CS pin is HIGH.
When the CS pin is LOW, the SDOUT pin will be driven and will follow regular read and
write operation as described in Section 4.22.3.
Multiple chains of GS3471 devices can share a single SDOUT bus connection to host by
configuring the devices for Bus-Through operation. In such configuration, each chain
requires a separate Chip Select (CS).
Table 4-27: GSPI_LINK_DISABLE Bit Operation
Bit State
Description
0
SDIN pin is looped through to the SDOUT pin
1
Data appearing at SDIN does not appear at SDOUT, and SDOUT pin is HIGH.
SDIN pin
SDOUT pin
GSPI_LINK
_DISABLE
BUS_THROUGH
CS pin
High-Z
Configuration and
Status Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com