Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GS3471 Datasheet(PDF) 25 Page - Semtech Corporation

Part # GS3471
Description  3G, HD, SD SDI Receiver, with Integrated Adaptive Cable Equalizer
PDF  179 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS3471 Datasheet(HTML) 25 Page - Semtech Corporation

Back Button GS3471 Datasheet HTML 21Page - Semtech Corporation GS3471 Datasheet HTML 22Page - Semtech Corporation GS3471 Datasheet HTML 23Page - Semtech Corporation GS3471 Datasheet HTML 24Page - Semtech Corporation GS3471 Datasheet HTML 25Page - Semtech Corporation GS3471 Datasheet HTML 26Page - Semtech Corporation GS3471 Datasheet HTML 27Page - Semtech Corporation GS3471 Datasheet HTML 28Page - Semtech Corporation GS3471 Datasheet HTML 29Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 179 page
background image
GS3471
Final Data Sheet Rev.4
PDS-060498
September 2017
25 of 179
Semtech
www.semtech.com
4.2.2 Device Reset
Note: On power-up, the device must be reset to operate correctly.
In order to initialize all internal operating conditions to their default states, hold the
RESET signal LOW for a minimum of treset = 1ms after all power supplies are stable. There
are no requirements for power supply sequencing.
When held in reset, all device outputs are driven to a high-impedance state, with the
exception of SDOUT. SDOUT continues normal operation during reset.
GSPI access is restored 10 clock cycles after RESET is de-asserted.
All output buffers (including the PCLK output), are set to high-impedance in Reset mode
(RESET = LOW).
Figure 4-3: Reset Pulse
4.3 Automatic (Adaptive) Cable Equalization
The GS3471 automatically adjusts its gain to equalize and restore signals received over
different lengths of coaxial cable having loss characteristics similar to Belden 8281 or
1694A.The device is designed to automatically equalize SMPTE SDI signal rates up to
2.97Gb/s and DVB-ASI signals at 270Mb/s.
The GS3471 has the ability to limit the reach of the device to one of four values through
its host interface. The default value is the maximum range. The maximum range of the
device is also a function of the detected data rate, so the maximum cable will not exceed
the supported reach for that rate.
4.3.1 Cable Length Indication
The GS3471 reports the input signal strength through the
CABLE_LENGTH_INDICATOR bits in the STATUS_REG_0 register, accessible through
the device's host interface. The Cable Length Indication (CLI) is a simple, numeric value
in the range from 0h to EFh. This number can be approximated as a cable length in
meters by applying one of the cable scaling factors shown in Table 4-3 below for some
commonly used coaxial cables.
Supply Voltage
RESET
treset
95% of Nominal Level
Nominal Level
Reset
Reset
treset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com