Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GS3471 Datasheet(PDF) 98 Page - Semtech Corporation

Part # GS3471
Description  3G, HD, SD SDI Receiver, with Integrated Adaptive Cable Equalizer
PDF  179 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS3471 Datasheet(HTML) 98 Page - Semtech Corporation

Back Button GS3471 Datasheet HTML 94Page - Semtech Corporation GS3471 Datasheet HTML 95Page - Semtech Corporation GS3471 Datasheet HTML 96Page - Semtech Corporation GS3471 Datasheet HTML 97Page - Semtech Corporation GS3471 Datasheet HTML 98Page - Semtech Corporation GS3471 Datasheet HTML 99Page - Semtech Corporation GS3471 Datasheet HTML 100Page - Semtech Corporation GS3471 Datasheet HTML 101Page - Semtech Corporation GS3471 Datasheet HTML 102Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 179 page
background image
GS3471
Final Data Sheet Rev.4
PDS-060498
September 2017
98 of 179
Semtech
www.semtech.com
4.22.7 Single Read/Write Access
Single read/write access timing for the GSPI interface is shown in Figure 4-57 to
Figure 4-61.
When performing a single read or write access, one Data Word is read from/written to
the device per access. Each access is a minimum of 32-bits long, consisting of a
Command Word and a single Data Word. The read or write cycle begins with a
high-to-low transition of the CS pin. The read or write access is terminated by a
low-to-high transition of the CS pin.
The inter-command delay time indicated in the figures as tcmd, is a minimum of 3 SCLK
clock cycles. After modifying values in HOST_CONFIG, the inter-command delay time,
tcmd_GSPI_config, is a minimum of 4 SCLK clock cycles.
For read access, the time from the last bit of the Command Word to the start of the data
output, as defined by t5, corresponds to no less than 4 SCLK clock cycles.
Figure 4-57: GSPI Write Timing – Single Write Access with Loop-Through Operation (default)
Figure 4-58: GSPI Write Timing – Single Write Access with GSPI Link-Disable Operation
Figure 4-59: GSPI Write Timing – Single Write Access with Bus-Through Operation
SCLK
CS
SDIN
SDOUT
COMMAND
COMMAND
DATA
DATA
COMMAND
COMMAND
X
X
cmd
t
SCLK
CS
SDIN
SDOUT
COMMAND
DATA
COMMAND
X
cmd
t
SCLK
CS
SDIN
SDOUT
COMMAND
COMMAND
DATA
5
t
X
High-z
High-z



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com