Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GS3471 Datasheet(PDF) 86 Page - Semtech Corporation

Part # GS3471
Description  3G, HD, SD SDI Receiver, with Integrated Adaptive Cable Equalizer
PDF  179 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS3471 Datasheet(HTML) 86 Page - Semtech Corporation

Back Button GS3471 Datasheet HTML 82Page - Semtech Corporation GS3471 Datasheet HTML 83Page - Semtech Corporation GS3471 Datasheet HTML 84Page - Semtech Corporation GS3471 Datasheet HTML 85Page - Semtech Corporation GS3471 Datasheet HTML 86Page - Semtech Corporation GS3471 Datasheet HTML 87Page - Semtech Corporation GS3471 Datasheet HTML 88Page - Semtech Corporation GS3471 Datasheet HTML 89Page - Semtech Corporation GS3471 Datasheet HTML 90Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 179 page
background image
GS3471
Final Data Sheet Rev.4
PDS-060498
September 2017
86 of 179
Semtech
www.semtech.com
4.21.3.4 Audio Crosspoint Block
The Audio Crosspoint is used for audio output channel re-mapping. This feature allows
any of the selected audio channels in Group A or Group B to be output on any of the
eight output channels. The default setting is for one to one mapping, where AOUT_1_2
is extracted from Group A CH1 and CH2, AOUT_3_4 is extracted from Group A CH3 and
CH4, and so on.
Note: If audio samples from embedded audio packets with the group set in IDA[1:0] are
to be paired with samples from the group set in IDB[1:0], all of the channels must have
been derived from the same Word Clock and must be synchronous.
The output channel is set in the OP[8:1]_SRC parameter of the OUTPUT_SEL_[2:1]
registers. Table 4-22 lists the 3-bit address for audio channel mapping.
4.21.3.5 Serial Audio Output Word Length
The audio output, in Serial mode, has a selectable 24, 20, or 16-bit sample word length.
The ASWL[D:A] parameter is used to configure the audio output sample word length.
Table 4-23 shows the host interface 2-bit code for setting the audio sample word length.
When the presence of extended audio packets is detected in SD mode, the audio
de-embedder defaults to 24-bit audio sample word length.
Table 4-22: Audio Channel Mapping Codes
Audio Output Channel
3-bit Host Interface
Source Address
1
000b
2
001b
3
010b
4
011b
5
100b
6
101b
7
110b
8
111b



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com