Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GS3471 Datasheet(PDF) 82 Page - Semtech Corporation

Part # GS3471
Description  3G, HD, SD SDI Receiver, with Integrated Adaptive Cable Equalizer
PDF  179 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS3471 Datasheet(HTML) 82 Page - Semtech Corporation

Back Button GS3471 Datasheet HTML 78Page - Semtech Corporation GS3471 Datasheet HTML 79Page - Semtech Corporation GS3471 Datasheet HTML 80Page - Semtech Corporation GS3471 Datasheet HTML 81Page - Semtech Corporation GS3471 Datasheet HTML 82Page - Semtech Corporation GS3471 Datasheet HTML 83Page - Semtech Corporation GS3471 Datasheet HTML 84Page - Semtech Corporation GS3471 Datasheet HTML 85Page - Semtech Corporation GS3471 Datasheet HTML 86Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 179 page
background image
GS3471
Final Data Sheet Rev.4
PDS-060498
September 2017
82 of 179
Semtech
www.semtech.com
4.21.2.5 Audio Packet Delete Block
To delete all ancillary data with a group DID shown in Table 4-19, the ALL_DEL bit in the
host interface must be set HIGH.
Note: Low latency mode option is not available when this feature is enabled.
4.21.2.6 ECC Error Detection & Correction Block (HD Mode Only)
The audio de-embedder performs BCH(31, 25) forward error detection and correction,
as described in SMPTE ST 299. The error correction for all embedded audio data packets
is activated when the host interface ECC_OFF bit is set LOW (default LOW). The audio
de-embedder corrects any errors in both the audio output and the embedded packet.
When a one-bit error is detected in a bit array of the ECC protected region of the audio
data packet with audio group DID set in IDA[1:0], the ECCA_ERROR flag is set HIGH.
When a one-bit error is detected in the ECC protected region of the audio data packet
with audio group DID set in IDB[1:0], the ECCB_ERROR flag is set HIGH.
Figure 4-48 shows examples of error correction and detection. Up to 8 bits in error can
be corrected, providing each bit error is in a different bit array (shown below). When
there are two or more bits in error in the same 24-bit array, the errors are detected, but
not corrected.
Figure 4-48: ECC 24-bit Array and Examples
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
24-bit array
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Errors corrected
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Errors detected but not corrected
ADF
ADF
ADF
DID
DBN
DC
CLK
CLK
CH1
CH1
CH1
CH1
CH2
CH2
CH2
CH2
CH3
CH3
CH3
CH3
CH4
CH4
CH4
CH4
ADF
ADF
ADF
DID
DBN
DC
CLK
CLK
CH1
CH1
CH1
CH1
CH2
CH2
CH2
CH2
CH3
CH3
CH3
CH3
CH4
CH4
CH4
CH4
ADF
ADF
ADF
DID
DBN
DC
CLK
CLK
CH1
CH1
CH1
CH1
CH2
CH2
CH2
CH2
CH3
CH3
CH3
CH3
CH4
CH4
CH4
CH4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com