Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GS3471 Datasheet(PDF) 69 Page - Semtech Corporation

Part # GS3471
Description  3G, HD, SD SDI Receiver, with Integrated Adaptive Cable Equalizer
PDF  179 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS3471 Datasheet(HTML) 69 Page - Semtech Corporation

Back Button GS3471 Datasheet HTML 65Page - Semtech Corporation GS3471 Datasheet HTML 66Page - Semtech Corporation GS3471 Datasheet HTML 67Page - Semtech Corporation GS3471 Datasheet HTML 68Page - Semtech Corporation GS3471 Datasheet HTML 69Page - Semtech Corporation GS3471 Datasheet HTML 70Page - Semtech Corporation GS3471 Datasheet HTML 71Page - Semtech Corporation GS3471 Datasheet HTML 72Page - Semtech Corporation GS3471 Datasheet HTML 73Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 179 page
background image
GS3471
Final Data Sheet Rev.4
PDS-060498
September 2017
69 of 179
Semtech
www.semtech.com
4.20.3 TRS Insertion
When TRS Insertion is enabled, the GS3471 generates and overwrites TRS code words as
required.
TRS Word Generation and Insertion is performed using the timing generated by the
Timing Signal Generator, providing an element of noise immunity over using just the
received TRS information.
This feature is enabled when the IOPROC_EN bit is HIGH and the TRS_INS_DS1_MASK
or TRS_INS_DS2_MASK bits in the IOPROC_1 or IOPROC_2 registers are set LOW. The
TRS_INS_DS1_MASK bit is in the IOPROC_1 register and is used to enable/disable TRS
insertion for SD, HD, 3G-A data streams, and data stream 1 of 3G Level B. The
TRS_INS_DS2_MASK bit is in the IOPROC_2 register and is used to enable/disable TRS
insertion for 3G-B data streams only.
For 3G Level A signals, TRS insertion occurs in both Data Stream 1 and Data Stream 2.
For 3G Level B signals, TRS insertion occurs in both Data Stream 1 and Data Stream 2 of
both Link A and Link B.
Note: Inserted TRS code words are always 10-bit compliant, regardless of the bit depth
of the incoming video stream.
4.20.4 Line Based CRC Insertion
When CRC Insertion is enabled, the GS3471 generates and inserts line based CRC words
into both the Y and C channels of the data stream.
Line based CRC word generation and insertion only occurs in HD and 3G modes, and is
enabled in when the IOPROC_EN bit is HIGH and the CRC_INS_DS[2:1]_MASK bit in
the ICPROC_[2:1] register is set LOW.
For 3G Level A signals, line based CRC word generation and insertion occurs in both
Data Stream 1 and Data Stream 2.
For 3G Level B signals, line based CRC word generation and insertion occurs in both Data
Stream 1 and Data Stream 2 of both Link A and Link B.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com