Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GS3471 Datasheet(PDF) 22 Page - Semtech Corporation

Part # GS3471
Description  3G, HD, SD SDI Receiver, with Integrated Adaptive Cable Equalizer
PDF  179 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS3471 Datasheet(HTML) 22 Page - Semtech Corporation

Back Button GS3471 Datasheet HTML 18Page - Semtech Corporation GS3471 Datasheet HTML 19Page - Semtech Corporation GS3471 Datasheet HTML 20Page - Semtech Corporation GS3471 Datasheet HTML 21Page - Semtech Corporation GS3471 Datasheet HTML 22Page - Semtech Corporation GS3471 Datasheet HTML 23Page - Semtech Corporation GS3471 Datasheet HTML 24Page - Semtech Corporation GS3471 Datasheet HTML 25Page - Semtech Corporation GS3471 Datasheet HTML 26Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 179 page
background image
GS3471
Final Data Sheet Rev.4
PDS-060498
September 2017
22 of 179
Semtech
www.semtech.com
Figure 4-2: Flexible Power Down Modes
The device has three other primary modes of operation which include SMPTE mode,
DVB-ASI mode, and Data-Through mode. In SMPTE mode, when receiving a SMPTE
compliant SDI input, the GS3471 performs full SMPTE processing, and features a
number of data integrity checks and measurement capabilities. The device also
supports ancillary data extraction, and can provide entire ancillary data packets through
host-accessible registers. Packet detection and error handling features are also offered.
All processing features are optional, and may be individually enabled or disabled
through register programming. In DVB-ASI mode, sync word detection, alignment, and
8/10bit decoding is applied to the received data stream. While in Data-Through mode,
all forms of SMPTE and DVB-ASI processing are disabled, and the device can be used as
a simple serial to parallel converter.
The GS3471 includes an audio de-embedder and audio clocks are internally generated.
Up to eight channels (two audio groups) of serial digital audio may be extracted from
the video data stream, in accordance with SMPTE ST 272-C and SMPTE ST 299. The
output audio formats supported by the device include AES/EBU and I2S. A variety of
audio processing features are provided to ease implementation.
The GS3471 can equalize 3G SDI, HD-SDI, and SD-SDI serial digital signals, and will
typically equalize up to 200m of Belden 1694A cable at 2.97Gb/s, 280m at 1.485Gb/s,
and 500m at 270Mb/s. When DC-coupling the output of a device to a 1.2V CML load, the
GS3471 typically consumes 300mW of power.
PCLK
PDATA
Mode A: With CSR access
Default: All functions disabled
PDATA
Mode B: PCLK Active
PDATA
Mode C: Retimed Serial Loopback active
PDATA
Mode D: Non-Retimed Serial
Loopback active
PDATA
Mode E: Retimed Loopback and PCLK
locked to selected Input
PDATA
Mode F: Non-Retimed Loopback with
PCLK (not locked) — Manual Rate Select Mode
PCLK
PCLK
PCLK
PCLK
PCLK
GS3471
GS3471
GS3471
GS3471
GS3471
GS3471



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com