Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GS3471 Datasheet(PDF) 7 Page - Semtech Corporation

Part # GS3471
Description  3G, HD, SD SDI Receiver, with Integrated Adaptive Cable Equalizer
PDF  179 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS3471 Datasheet(HTML) 7 Page - Semtech Corporation

Back Button GS3471 Datasheet HTML 3Page - Semtech Corporation GS3471 Datasheet HTML 4Page - Semtech Corporation GS3471 Datasheet HTML 5Page - Semtech Corporation GS3471 Datasheet HTML 6Page - Semtech Corporation GS3471 Datasheet HTML 7Page - Semtech Corporation GS3471 Datasheet HTML 8Page - Semtech Corporation GS3471 Datasheet HTML 9Page - Semtech Corporation GS3471 Datasheet HTML 10Page - Semtech Corporation GS3471 Datasheet HTML 11Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 179 page
background image
GS3471
Final Data Sheet Rev.4
PDS-060498
September 2017
7 of 179
Semtech
www.semtech.com
1. Pin Out
1.1 Pin Assignment
Figure 1-1: Pin Assignment
1.2 Pin Descriptions
RSVD
CT0
XTAL
XTAL
RBIAS
RSVD
PLL_VDD
EQ_VCCA
RSVD
PCLK
DOUT18
DOUT17
DOUT16
DOUT15
DOUT14
DOUT13
DOUT10
DOUT11
DOUT19
DOUT12
DOUT8
DOUT9
DOUT6
DOUT7
DOUT4
DOUT5
DOUT2
DOUT3
DOUT1
DOUT0
TDI
TCK
SDIN
SCLK
STAT5
STAT4
TRST
TDO
TMS
SDOUT
CS
CORE_GND
CORE_GND
IO_VDD
IO_VDD
CORE_GND
EQ_VCCD
CORE_GND
CORE_GND
CORE_GND
CORE_GND
CORE_VDD
CORE_VDD
CORE_VDD CORE_VDD
CORE_GND
IO_VDD
STAT3
STAT2
STAT1
STAT0
LF
VCO_VDD
A_GND
A_GND
A_GND
A_GND
A_GND
CT1
DDO_VDD
DDO
PWR_DWN AOUT_1_2
AOUT_3_4
AMCLK
AOUT_7_8
ACLK
AOUT_5_6
WCLK
RESET
BIT20/BIT10
JTAG_
EN/DIS
AUDIO_
EN/DIS
123
4
5
6
78
9
10
A
B
C
D
E
F
G
H
J
K
AGC
PLL_VDD
PLL_VDD
DDI_VDD
DDI_VDD
VCO_VDD
EQ_VCCA
A_GND
DDO_VDD
DDO
DDI
DDI
SDI
SDI
AGC
IO_VDD
CORE_GND
Table 1-1: Pin Descriptions
Pin Number
Name
Type
Description
A1, A2
DDI, DDI
Digital Input
Digital differential input. It is possible to DC-couple to upstream
Semtech devices supporting 1.2V outputs. Additionally, devices with
1.8 and 2.5V outputs are supported through a 4.7μF capacitor in
series with the DDI/DDI input. Connect unused inputs to DDI_VDD
through 1kΩ resistors.
A4
RBIAS
Analog Input
External resistor for the bias circuit. Connect to ground through
777Ω resistor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com