Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GS3471 Datasheet(PDF) 14 Page - Semtech Corporation

Part # GS3471
Description  3G, HD, SD SDI Receiver, with Integrated Adaptive Cable Equalizer
PDF  179 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS3471 Datasheet(HTML) 14 Page - Semtech Corporation

Back Button GS3471 Datasheet HTML 10Page - Semtech Corporation GS3471 Datasheet HTML 11Page - Semtech Corporation GS3471 Datasheet HTML 12Page - Semtech Corporation GS3471 Datasheet HTML 13Page - Semtech Corporation GS3471 Datasheet HTML 14Page - Semtech Corporation GS3471 Datasheet HTML 15Page - Semtech Corporation GS3471 Datasheet HTML 16Page - Semtech Corporation GS3471 Datasheet HTML 17Page - Semtech Corporation GS3471 Datasheet HTML 18Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 179 page
background image
GS3471
Final Data Sheet Rev.4
PDS-060498
September 2017
14 of 179
Semtech
www.semtech.com
2.4 AC Electrical Characteristics
Table 2-4: AC Electrical Characteristics
Guaranteed over recommended operating conditions unless otherwise noted.
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Notes
System
Device Latency:
AUDIO_EN = 1,
SMPTE mode,
IOPROC_EN = 1
—
3G (Level A)
65
67
69
PCLK
—
3G (Level B)
141
144
147
PCLK
—
HD
65
67
69
PCLK
—
SD
37
39
41
PCLK
—
Device Latency:
AUDIO_EN = 0,
SMPTE mode,
IOPROC_EN = 1
—
3G (Level A)
28
30
32
PCLK
—
3G (Level B)
63
65
67
PCLK
—
HD
25
27
29
PCLK
—
SD
25
27
29
PCLK
—
Device Latency:
AUDIO_EN = 0,
SMPTE mode,
IOPROC_EN = 0
—
3G (Level A)
20
22
24
PCLK
—
3G (Level B)
47
50
53
PCLK
—
HD
21
23
25
PCLK
—
SD
19
21
23
PCLK
—
Device Latency:
AUDIO_EN = 0,
SMPTE bypass,
IOPROC_EN = 0
—
3G (Level A)
11
13
15
PCLK
—
3G (Level B)
11
13
15
PCLK
—
HD
11
13
15
PCLK
—
SD
11
13
15
PCLK
—
Device Latency: DVB-ASI
—
—
12
14
16
PCLK
—
Reset Time
treset
—1
—
—
ms
—
Parallel Output
Parallel Clock Frequency
fPCLK
3G/ HD (10-bit)
—
148.5
or
148.5/
1.001
—MHz
—
HD (20-bit), 10-bit DDR
—
74.25
or
74.25/
1.001
—MHz
—
SD (20-bit), 10-bit DDR
—
13.5
—
MHz
—
SD (10-bit)
—
27
—
MHz
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com