Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GS3471 Datasheet(PDF) 64 Page - Semtech Corporation

Part # GS3471
Description  3G, HD, SD SDI Receiver, with Integrated Adaptive Cable Equalizer
PDF  179 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS3471 Datasheet(HTML) 64 Page - Semtech Corporation

Back Button GS3471 Datasheet HTML 60Page - Semtech Corporation GS3471 Datasheet HTML 61Page - Semtech Corporation GS3471 Datasheet HTML 62Page - Semtech Corporation GS3471 Datasheet HTML 63Page - Semtech Corporation GS3471 Datasheet HTML 64Page - Semtech Corporation GS3471 Datasheet HTML 65Page - Semtech Corporation GS3471 Datasheet HTML 66Page - Semtech Corporation GS3471 Datasheet HTML 67Page - Semtech Corporation GS3471 Datasheet HTML 68Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 179 page
background image
GS3471
Final Data Sheet Rev.4
PDS-060498
September 2017
64 of 179
Semtech
www.semtech.com
Figure 4-35: Y/1ANC and C/2ANC Signal Timing
Figure 4-36: 3G Level B 20-bit Mode
Figure 4-37: 3G Level B 10-bit Mode
PC L K
LU M A D A T A O U T
CHRO M A DA T A O U T
Y/1A N C
C/2A NC
PC L K
LU M A D A T A O U T
Y / 1 A N C / C/2ANC
PC L K
CHRO M A DA T A O U T
A NC DA T A DE T E CT IO N - HDT V 1 0 B IT OUT P U T M O DE
PC L K
M U LT IP LE X E D
Y 'Cb Cr
CC S U M
YCS U M
C DID
YA NC
3F F
00 0
000
F
F
3
F
F
3
F
F
3
A NC DA T A DE T E CT IO N - H DTV 20 BIT AND 3G LEVEL A 20 BIT OUTPUT MODES
BL ANK
BL AN K
A N C DA T A
DC
DB N
DID
CS UM
A N C DA T A
CS UM
A N C DA T A
DC
DB N
DID
AN C D A T A
3F F
3FF
3F F
3FF
00 0
00 0
A N C DA T A DE T E CT IO N - S DT V 2 0 B IT O U T P UT M O DE
CS UM
BL AN K
A N C DA T A
A N C DA T A
DC
DID
A N C DA T A
BL A N K
BL AN K
A N C DA T A
A N C DA T A
AN C D A T A
DB N
A N C DA T A
3FF
BL AN K
00 0
3FF
A NC DA T A DE T E CT IO N - S D T V 1 0 B IT O U T P UT M O DE
CS UM
BL AN K
A N C DA T A
DC
DB N
DID
A N C DA T A
3F F
3F F
000
M U LT IP LE X E D
Y 'Cb Cr
Y/1A N C
Y/1A N C
C/2A NC
C/2A NC
PCLK
DS1OUT
DS2OUT
Y/1ANC
C/2ANC
000
000
000
BLANK
3FF
3FF
3FF
BLANK
3FF
3FF
3FF
BLANK
CDID
CDID
YDID
CANC
CCSUM
YANC
BLANK
BLANK
BLANK
CCSUM
YCSUM
BLANK
1
1
2
3
ANC_EXT_SEL_DS2_DS1 = X and ANC_EXT_SEL_DS1_Y_DS2_Y = 1
Notes:
ANC_EXT_SEL_DS2_DS1 = 0 and ANC_EXT_SEL_DS1_Y_DS2_Y = 0
ANC_EXT_SEL_DS2_DS1 = 1 and ANC_EXT_SEL_DS1_Y_DS2_Y = 0
PCLK
DS1OUT
Y/1 ANC
C/2 ANC
2
Y/1 ANC
C/2 ANC
3
Y/1 ANC
C/2 ANC
BLANK
BLANK
YANC
CANC
CCSUM
CCSUM BLANK YCSUM BLANK BLANK BLANK
BLANK
YDID
CDID
3FF
BLANK
3FF
3FF
3FF
BLANK
3FF
3FF
000
BLANK
000
000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com