Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GS3471 Datasheet(PDF) 56 Page - Semtech Corporation

Part # GS3471
Description  3G, HD, SD SDI Receiver, with Integrated Adaptive Cable Equalizer
PDF  179 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS3471 Datasheet(HTML) 56 Page - Semtech Corporation

Back Button GS3471 Datasheet HTML 52Page - Semtech Corporation GS3471 Datasheet HTML 53Page - Semtech Corporation GS3471 Datasheet HTML 54Page - Semtech Corporation GS3471 Datasheet HTML 55Page - Semtech Corporation GS3471 Datasheet HTML 56Page - Semtech Corporation GS3471 Datasheet HTML 57Page - Semtech Corporation GS3471 Datasheet HTML 58Page - Semtech Corporation GS3471 Datasheet HTML 59Page - Semtech Corporation GS3471 Datasheet HTML 60Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 179 page
background image
GS3471
Final Data Sheet Rev.4
PDS-060498
September 2017
56 of 179
Semtech
www.semtech.com
Note: In certain systems, due to greater ppm offsets in the crystal, the ‘M’ bit may not
assert properly. In such cases, the M_DETECTION_TOLERANCE_DS[2:1] value can be
increased through GSPI.
296M (HD)
1280x720/30 (1:1)
2008
750
1280
3300
02h
00
1280x720/30 (1:1)
— EM
408
750
2880
3300
03h
00
1280x720/50 (1:1)
688
750
1280
1980
04h
00
1280x720/50 (1:1)
— EM
240
750
1728
1980
05h
00
1280x720/25 (1:1)
2668
750
1280
3960
06h
00
1280x720/25 (1:1)
— EM
492
750
3456
3960
07h
00
1280x720/24 (1:1)
2833
750
1280
4125
08h
00
1280x720/24 (1:1)
— EM
513
750
3600
4125
09h
00
1280x720/60 (1:1)
358
750
1280
1650
00h
00
1280x720/60 (1:1)
— EM
198
750
1440
1650
01h
00
125M (SD)
1140x487/60 (2:1) (or
dual link progressive)
268
525
1440
1716
16h
1X
1440x507/60 (2:1)
268
525
1440
1716
17h
1X
525-line 487 generic
—
525
—
1716
19h
1X
525-line 507 generic
—
525
—
1716
1Bh
1X
ITU-R
BT.656
(SD)
1440x576/50 (2:1) (or
dual link progressive)
280
—
1440
1728
18h
1X
625-line generic (EM)
—
—
—
1728
1Ah
1X
Unknown
HD
SD/HD = 0
—
—
—
—
1Dh
00
Unknown
SD
SD/HD = 1
—
—
—
—
1Eh
1X
Unknown
3G
SD/HD = 0
—
—
—
—
3Fh
01
Notes:
1. The 4:4:4 standards have 2 clocks per sample at the data stream level.
2. HANC space is shorter for a Level B signal because of the double TRS.
Table 4-11: Supported Video Standard Codes
SMPTE
Standard
Active Video Area
Length of
HANC Level A
(Level B)
Total
Lines per
Frame
Length of
Active
Word
Total
Clocks
per Line
VD
_STD
[5:0]
SD/HD
3G/HD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com