Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GS3471 Datasheet(PDF) 24 Page - Semtech Corporation

Part # GS3471
Description  3G, HD, SD SDI Receiver, with Integrated Adaptive Cable Equalizer
PDF  179 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS3471 Datasheet(HTML) 24 Page - Semtech Corporation

Back Button GS3471 Datasheet HTML 20Page - Semtech Corporation GS3471 Datasheet HTML 21Page - Semtech Corporation GS3471 Datasheet HTML 22Page - Semtech Corporation GS3471 Datasheet HTML 23Page - Semtech Corporation GS3471 Datasheet HTML 24Page - Semtech Corporation GS3471 Datasheet HTML 25Page - Semtech Corporation GS3471 Datasheet HTML 26Page - Semtech Corporation GS3471 Datasheet HTML 27Page - Semtech Corporation GS3471 Datasheet HTML 28Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 179 page
background image
GS3471
Final Data Sheet Rev.4
PDS-060498
September 2017
24 of 179
Semtech
www.semtech.com
Power-down with DDO retimed
PD_PCLK_ENABLE = 0
SERIAL_LOOPBACK_EN = 1
PD_CSR_ACCESS = X
RC_BYP = 0
Yes
DDO Enabled
Retimed
PCLK
Disabled
Power-down with DDO/PCLK
PD_PCLK_ENABLE = 1
SERIAL_LOOPBACK_EN = 1
PD_CSR_ACCESS = X
RC_BYP = 1
Yes
DDO Enabled
Non-retimed
PCLK Enabled
Power-down with DDO/PCLK
retimed
PD_PCLK_ENABLE = 1
SERIAL_LOOPBACK_EN = 1
PD_CSR_ACCESS = X
RC_BYP = 0
Yes
DDO Enabled
Retimed
PCLK Enabled
Table 4-1: Power-down Mode
Power-down Mode
CSR
Access
DDO
Loop-through
Mode
PCLK Mode
Table 4-2: Status Output Support in Power Down Modes
Mode
Rate Detect
Carrier Detect
Lock
All Other Status
Outputs
Sleep
N/A
N/A
N/A
N/A
Sleep with DDO not
retimed
N/A
N/A
N/A
N/A
Standby with DDO
retimed
Available in
automatic or
manual modes
Analog or EQ carrier
detect only
Locked status available
on STAT outputs
N/A
Standby with PCLK
Available in
manual mode
only, rate must
be set
Analog or EQ carrier
detect only
N/A
N/A
Standby with PCLK and
DDO retimed
Available in
automatic or
manual modes
Analog or EQ carrier
detect only
Locked status available
on STAT outputs
N/A
Standby with PCLK and
DDO not retimed
Available in
manual mode
only, rate must
be set
Analog or EQ carrier
detect only
N/A
N/A
Standby with CSR access
N/A
Analog or EQ carrier
detect only
N/A
N/A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com