Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GS3471 Datasheet(PDF) 2 Page - Semtech Corporation

Part # GS3471
Description  3G, HD, SD SDI Receiver, with Integrated Adaptive Cable Equalizer
PDF  179 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS3471 Datasheet(HTML) 2 Page - Semtech Corporation

  GS3471 Datasheet HTML 1Page - Semtech Corporation GS3471 Datasheet HTML 2Page - Semtech Corporation GS3471 Datasheet HTML 3Page - Semtech Corporation GS3471 Datasheet HTML 4Page - Semtech Corporation GS3471 Datasheet HTML 5Page - Semtech Corporation GS3471 Datasheet HTML 6Page - Semtech Corporation GS3471 Datasheet HTML 7Page - Semtech Corporation GS3471 Datasheet HTML 8Page - Semtech Corporation GS3471 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 179 page
background image
GS3471
Final Data Sheet Rev.4
PDS-060498
September 2017
2 of 179
Semtech
www.semtech.com
Description
The GS3471 is a multi-rate SDI Receiver which includes
complete SMPTE processing. The SMPTE processing
features can be bypassed to support signals with other
coding schemes. Multi-link UHD can be supported when
multiple GS3471devices are used.
The GS3471 integrates Semtech's adaptive cable equalizer
technology, achieving unprecedented cable lengths and
jitter tolerance. The device features a dual input buffer with
a 2x2 MUX. The 2x2 MUX can select between either input for
de-serialization and can route either of the two inputs to the
serial loopback independently (reclocked or
non-reclocked). In addition, the integrated Retimer with an
internal VCO provides a wide Input Jitter Tolerance (IJT).
Configurable Power-down modes are available and allows
for increased flexibility. Each Power-down mode enables
power savings to a varying degree by selectively enabling
or disabling key features. Some of the options available in
Power-down mode are CSR access, PCLK, retimed DDO
loop-through output, and non-retimed DDO loop-through
output. Enabling or disabling each of these options will
offer power consumption levels to suit the application's
requirements.
The device has three other basic modes of operation which
include:
•
SMPTE mode
•
DVB-ASI mode
•
Data-Through mode
The GS3471 includes an audio de-embedder and audio
clocks are internally generated. Up to eight channels (two
audio groups) of serial digital audio may be extracted from
the video data stream, in accordance with SMPTE ST 272-C
and SMPTE ST 299.
GS3471 Functional Block Diagram
DDI
Retimer
Buffer
DDO
De-Scramble
Sync Detect
CRC Check
CRC Insertion
Parallel Output
Audio Extraction
ANC Extraction
FIFO
RC Bypass
DDO
DDO
Input Switch
DDI
DDI
CT0
IO_VDD
DOUT[19:0]
PCLK
STAT[5:0]
AOUT_1_2
AOUT_3_4
AOUT_5_6
AOUT_7_8
AUDIO_EN/DIS
ACLK
WCLK
AMCLK
SDI
SDI
Host Interface
JTAG Test
Frequency Reference
POR
PWR_DWN
EQ
AGC
AGC
CT1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com