Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD64F2145 Datasheet(PDF) 104 Page - Renesas Technology Corp

Part # HD64F2145
Description  Hitachi 16-Bit Single-Chip Microcomputer
PDF  829 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F2145 Datasheet(HTML) 104 Page - Renesas Technology Corp

Back Button HD64F2145 Datasheet HTML 100Page - Renesas Technology Corp HD64F2145 Datasheet HTML 101Page - Renesas Technology Corp HD64F2145 Datasheet HTML 102Page - Renesas Technology Corp HD64F2145 Datasheet HTML 103Page - Renesas Technology Corp HD64F2145 Datasheet HTML 104Page - Renesas Technology Corp HD64F2145 Datasheet HTML 105Page - Renesas Technology Corp HD64F2145 Datasheet HTML 106Page - Renesas Technology Corp HD64F2145 Datasheet HTML 107Page - Renesas Technology Corp HD64F2145 Datasheet HTML 108Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 829 page
background image
Rev. 2.0, 08/02, page 64 of 788
3.2.1
Mode Control Register (MDCR)
MDCR is used to set an operating mode and to monitor the current operating mode.
Bit
Bit Name
Initial Value
R/W
Description
7
EXPE
—*
R/W*
Extended Mode Enable
Specifies extended mode. Fixed to 1 and cannot be
modified in mode 1. Readable/writable and the initial
value is 0 in mode 2 or 3.
0: Single-chip mode
1: Extended mode
6
to
2
—
All 0
R
Reserved
These bits are always read as 0. These bits cannot be
modified.
1
0
MDS1
MDS0
—*
—*
R
R
Mode Select 1 and 0
These bits indicate the input levels at mode pins (MD1
and MD0) (the current operating mode). Bits MDS1
and MDS0 correspond to MD1 and MD0, respectively.
These bits are read-only bits and they cannot be
written to. The mode pin (MD1 and MD0) input levels
are latched into these bits when MDCR is read. These
latches are canceled by a reset.
Note:* The initial values are determined by the settings of the MD1 and MD0 pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com