Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD64F2145 Datasheet(PDF) 107 Page - Renesas Technology Corp

Part # HD64F2145
Description  Hitachi 16-Bit Single-Chip Microcomputer
PDF  829 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F2145 Datasheet(HTML) 107 Page - Renesas Technology Corp

Back Button HD64F2145 Datasheet HTML 103Page - Renesas Technology Corp HD64F2145 Datasheet HTML 104Page - Renesas Technology Corp HD64F2145 Datasheet HTML 105Page - Renesas Technology Corp HD64F2145 Datasheet HTML 106Page - Renesas Technology Corp HD64F2145 Datasheet HTML 107Page - Renesas Technology Corp HD64F2145 Datasheet HTML 108Page - Renesas Technology Corp HD64F2145 Datasheet HTML 109Page - Renesas Technology Corp HD64F2145 Datasheet HTML 110Page - Renesas Technology Corp HD64F2145 Datasheet HTML 111Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 107 / 829 page
background image
Rev. 2.0, 08/02, page 67 of 788
3.2.3
Serial Timer Control Register (STCR)
STCR enables or disables register access, IIC operating mode, and on-chip flash memory, and
selects the input clock of the timer counter.
Bit
Bit Name
Initial Value
R/W
Description
7
IICS
0
R/W
I
2C Extra Buffer Select
Specifies bits 7 to 4 of port A as output buffers similar
to SLC and SDA. These pins are used to implement
an I
2C interface only by software.
0: PA7 to PA4 are normal input/output pins.
1: PA7 to PA4 are input/output pins enabling bus
driving.
6
5
IICX1
IICX0
0
0
R/W
R/W
I
2C Transfer Rate Select 1 and 0
These bits control the IIC operation. These bits select
a transfer rate in master mode together with bits
CKS2 to CKS0 in the I
2C bus mode register (ICMR).
For details on the transfer rate, refer to table 16.3.
4
IICE
0
R/W
I
2C Master Enable
Enables or disables CPU access for IIC registers
(ICCR, ICSR, ICDR/SARX, ICMR/SAR), PWMX
registers (DADRAH/DACR, DADRAL,
DADRBH/DACNTH, DADRBL/DACNTL), and SCI
registers (SMR, BRR, SCMR).
0: SCI_1 registers are accessed in an area from
H’(FF)FF88 to H’(FF)FF89 and from H’(FF)FF8E to
H’(FF)FF8F.
SCI_2 registers are accessed in an area from
H’(FF)FFA0 to H’(FF)FFA1 and from H’(FF)FFA6 to
H’(FF)FFA7.
SCI_0 registers are accessed in an area from
H’(FF)FFD8 to H’(FF)FFD9 and from H’(FF)FFDE to
H’(FF)FFDF.
1: IIC_1 registers are accessed in an area from
H’(FF)FF88 to H’(FF)FF89 and from H’(FF)FF8E to
H’(FF)FF8F.
PWMX registers are accessed in an area from
H’(FF)FFA0 to H’(FF)FFA1 and from H’(FF)FFA6 to
H’(FF)FFA7.
IIC_0 registers are accessed in an area from
H’(FF)FFD8 to H’(FF)FFD9 and from H’(FF)FFDE to
H’(FF)FFDF.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com