Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD64F2145 Datasheet(PDF) 106 Page - Renesas Technology Corp

Part # HD64F2145
Description  Hitachi 16-Bit Single-Chip Microcomputer
PDF  829 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F2145 Datasheet(HTML) 106 Page - Renesas Technology Corp

Back Button HD64F2145 Datasheet HTML 102Page - Renesas Technology Corp HD64F2145 Datasheet HTML 103Page - Renesas Technology Corp HD64F2145 Datasheet HTML 104Page - Renesas Technology Corp HD64F2145 Datasheet HTML 105Page - Renesas Technology Corp HD64F2145 Datasheet HTML 106Page - Renesas Technology Corp HD64F2145 Datasheet HTML 107Page - Renesas Technology Corp HD64F2145 Datasheet HTML 108Page - Renesas Technology Corp HD64F2145 Datasheet HTML 109Page - Renesas Technology Corp HD64F2145 Datasheet HTML 110Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 106 / 829 page
background image
Rev. 2.0, 08/02, page 66 of 788
Bit
Bit Name
Initial Value
R/W
Description
2
NMIEG
0
R/W
NMI Edge Select
Selects the valid edge of the NMI interrupt input.
0: An interrupt is requested at the falling edge of NMI
input
1: An interrupt is requested at the rising edge of NMI
input
1
HIE
0
R/W
Host Interface Enable
Controls CPU access to the host interface registers
(HICR, IDR1, ODR1, STR1, IDR2, ODR2, and STR2),
the keyboard matrix interrupt and MOS input pull-up
control registers (KMIMR, KMPCR, and KMIMRA), the
8-bit timer (TMR_X and TMR_Y) registers
(TCR_X/TCR_Y, TCSR_X/TCSR_Y,
TICRR/TCORA_Y, TICRF/TCORB_Y,
TCNT_X/TCNT_Y, TCORC/TISR, TCORA_X, and
TCORB_X), and the timer connection registers
(TCONRI, TCONRO, TCONRS, and SEDGR).
0: In areas H'(FF)FFF0 to H'(FF)FFF7 and H'(FF)FFFC
to H'(FF)FFFF, CPU access to 8-bit timer (TMR_X and
TMR_Y) registers and timer connection registers is
permitted
1: In areas H'(FF)FFF0 to H'(FF)FFF7 and H'(FF)FFFC
to H'(FF)FFFF, CPU access to host interface registers
and keyboard matrix interrupt and MOS input pull-up
control registers is permitted
0
RAME
1
R/W
RAM Enable
Enables or disables on-chip RAM. The RAME bit is
initialized when the reset state is released.
0: On-chip RAM is disabled
1: On-chip RAM is enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com