Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF7936AS Datasheet(PDF) 29 Page - NXP Semiconductors

Part # PCF7936AS
Description  Security Transponder (HITAG2)
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF7936AS Datasheet(HTML) 29 Page - NXP Semiconductors

Back Button PCF7936AS Datasheet HTML 24Page - NXP Semiconductors PCF7936AS Datasheet HTML 25Page - NXP Semiconductors PCF7936AS Datasheet HTML 26Page - NXP Semiconductors PCF7936AS Datasheet HTML 27Page - NXP Semiconductors PCF7936AS Datasheet HTML 28Page - NXP Semiconductors PCF7936AS Datasheet HTML 29Page - NXP Semiconductors PCF7936AS Datasheet HTML 30Page - NXP Semiconductors PCF7936AS Datasheet HTML 31Page - NXP Semiconductors PCF7936AS Datasheet HTML 32Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 29 / 32 page
background image
NXP Semiconductors
Product Specification
Security Transponder (HITAG2)
PCF7936AS
2010 May 04
29
CONFIDENTIAL
10.3 Mechanical Characteristics
ot
he
rw
is
e
sp
ec
ifi
ed
Protruding plastic must not exceed
specified dimension by more than 0.2 mm
al
l R
ad
ii,
if
no
t
A
A
1.1-1.2
4.9-5.1
1.9-2.1
11.9-12.1
R
0.
5
m
ax
.
0-7
°
(5x
)
0-7
° (
5x
)
44°-4
6°
0.165
( without Scale )
Cross Section A-A
R
0.9
-1.
0
Figure 26. Package outlines SOT 385-1
OUTLINE DIMENSIONS ARE NOMINAL VALUES
10.4
12.0
0.4
IC
C
L
Figure 27.Coil position, Layout SOT 385BA4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com