Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF7936AS Datasheet(PDF) 17 Page - NXP Semiconductors

Part # PCF7936AS
Description  Security Transponder (HITAG2)
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF7936AS Datasheet(HTML) 17 Page - NXP Semiconductors

Back Button PCF7936AS Datasheet HTML 13Page - NXP Semiconductors PCF7936AS Datasheet HTML 14Page - NXP Semiconductors PCF7936AS Datasheet HTML 15Page - NXP Semiconductors PCF7936AS Datasheet HTML 16Page - NXP Semiconductors PCF7936AS Datasheet HTML 17Page - NXP Semiconductors PCF7936AS Datasheet HTML 18Page - NXP Semiconductors PCF7936AS Datasheet HTML 19Page - NXP Semiconductors PCF7936AS Datasheet HTML 20Page - NXP Semiconductors PCF7936AS Datasheet HTML 21Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 32 page
background image
NXP Semiconductors
Product Specification
Security Transponder (HITAG2)
PCF7936AS
2010 May 04
17
CONFIDENTIAL
START_AUTH (Password Mode)
If configured for Password mode, START_AUTH triggers
the mutual device authentication sequence. If completed
successfully, the device enters AUTHORIZED state and
subsequently supports plain read and write access of the
Transponder Memory, TM. Device authentication employs
the
Password
Basestation,
PSW B,
and
Password
Transponder, PSW T, see Figure 13.
After acceptance of the 5 bit command sequence, the initial
device Response consist of the 32 bit Identifier (IDE) that is
stored in the Transponder Memory. Subsequently, the
interrogating system (e.g. basestation) has to identify itself
towards the device, by issuing the matching 32 bit
Password Basestation, PSW B. The device verifies the
Password received with the one stores in the page 1. If
identical, the final device Response consist of the content
of page 3 that contains the Transponder and Memory
configuration (TMCF) and device Password Transponder
(PSW T). The MSB is send first.
In case the authentication process fails, an error condition
occurs that causes the device to terminate the command
and to enter WAIT state. The device will send no further
Response in this case.
Subsequent commands may be issued after termination of
the final tWAIT,Bs.
For proper command execution, the interrogating system
has to identify itself towards the device within the specified
IDLE time, otherwise the device may generate a power-on
reset condition, upon which the circuitry would be reset and
the transponder initialized, causing the device to enter the
WAIT state.
SEND to
Transponder
RECEIVED from
Transponder
1 1 1 1 1
tWAIT,Tr
EQ
IDE
tWAIT,Bs
1 1 0 0 0
CM[4:0]
START_AUTH
bit 31 ..............bit 0
tWAIT,Bs
bit 31 ..............bit 0
Page 1
bit 31 ..............bit 0
tWAIT,Tr
Page 3
1 1 1 1 1
EQ
tIDLE
SEND to
Transponder
RECEIVED from
Transponder
Figure 13. START_AUTH timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com