Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF7936AS Datasheet(PDF) 22 Page - NXP Semiconductors

Part # PCF7936AS
Description  Security Transponder (HITAG2)
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF7936AS Datasheet(HTML) 22 Page - NXP Semiconductors

Back Button PCF7936AS Datasheet HTML 18Page - NXP Semiconductors PCF7936AS Datasheet HTML 19Page - NXP Semiconductors PCF7936AS Datasheet HTML 20Page - NXP Semiconductors PCF7936AS Datasheet HTML 21Page - NXP Semiconductors PCF7936AS Datasheet HTML 22Page - NXP Semiconductors PCF7936AS Datasheet HTML 23Page - NXP Semiconductors PCF7936AS Datasheet HTML 24Page - NXP Semiconductors PCF7936AS Datasheet HTML 25Page - NXP Semiconductors PCF7936AS Datasheet HTML 26Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 32 page
background image
NXP Semiconductors
Product Specification
Security Transponder (HITAG2)
PCF7936AS
2010 May 04
22
CONFIDENTIAL
7.6 Transponder Data Transmission Format
Reading from and writing to the device is accomplished by
modulating the LF field in amplitude. Since the LF field also
provides
the
device
power
supply,
the
modulation
characteristics have to be verified carefully, in order to
avoid a device reset due to a power low condition.
7.6.1
Read Direction
Transmission
of
data
from
the
transponder
to
the
basestation is accomplished by absorption modulation
applied to the LF field. According to the data designated for
transmission,
the
transponder
interface
activates
an
additional load that modulates the current drawn from the
transponder resonant circuit. Due to the inductive coupling
of the transponder resonant circuit and the basestation coil,
the current in the basestation coil is modulated accordingly,
resulting
in
a
corresponding
two-level
amplitude
modulation, see Figure 19.
In read direction the device employs either Manchester or
CDP encoding of data, see Figure 20, according to the
setting of the Immobilizer Configuration bit DCS, which is
part of the Transponder and Memory Configuration bits,
TMCF, see also section 7.1.4.
In case of Manchester encoding, a logic ‘1’ is modulated by
loading the LF field during the first half of the bit frame,
while no load is applied during the second half. A logic ‘0’ is
modulated in the opposite manner.
In case of CDP encoding, a logic ‘1’ corresponds to a state
change at the end of the bit frame. A logic ‘0’ corresponds
to a state change after the first half and at the end of the bit
frame.
In any case, the device starts with a „Load ON“ condition,
when data transmission commences.
The bit duration is a fixed multiple of the system clock
recovered from the LF field carrier.
After reception of the last bit, the basestation and control
software have to consider the indicated delay, tWAIT,Bs,
before any command or data is transmitted to the device,
see also section 7.3.1.
VLF-LOW
Load ON
VLF-HIGH
Load OFF
Figure 19. LF Field Absorption Modulation
TBIT
0.5 x TBIT
Internal Data
Manchester
Encoding
CDP
Encoding
'1'
'0'
'0'
LF field:
Load OFF
Load ON
Load OFF
Load ON
'0'
Last
Bit
Start of transmission
'1'
'1'
'0'
'1'
End of transmission
tWAIT,Bs
...
Figure 20. Data Transmission in Read Direction



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com