Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF7936AS Datasheet(PDF) 11 Page - NXP Semiconductors

Part # PCF7936AS
Description  Security Transponder (HITAG2)
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF7936AS Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button PCF7936AS Datasheet HTML 7Page - NXP Semiconductors PCF7936AS Datasheet HTML 8Page - NXP Semiconductors PCF7936AS Datasheet HTML 9Page - NXP Semiconductors PCF7936AS Datasheet HTML 10Page - NXP Semiconductors PCF7936AS Datasheet HTML 11Page - NXP Semiconductors PCF7936AS Datasheet HTML 12Page - NXP Semiconductors PCF7936AS Datasheet HTML 13Page - NXP Semiconductors PCF7936AS Datasheet HTML 14Page - NXP Semiconductors PCF7936AS Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
NXP Semiconductors
Product Specification
Security Transponder (HITAG2)
PCF7936AS
2010 May 04
11
CONFIDENTIAL
READ_PAGE
READ_PAGE_INV
WRITE_PAGE
LF Field
Power On Reset
AUTHORIZED
START_AUTH
Error
HALT
READ ONLY
WAIT
HALT
time-out (tWAIT,SA)
&
Read Only = enabled
Figure 7. Transponder State Diagram
7.2 Transponder State Diagram
Device operation is controlled by commands issued from
the basestation, see Figure 7.
After a LF Field Power-On Reset condition the circuitry is
reset and the transponder is initialized, which causes the
device to enter the WAIT state.
If one of the Read Only modes is enabled, the device will
enter READ ONLY state after the specified time-out
(tWAIT,SA), if no command is being issued.
To authenticate the transponder and to access the
Transponder Memory for read and write the AUTHORIZED
state has to be entered, by means of a START_AUTH
command and successful completion of the authentication
sequence. Subsequent memory read and write operations
may be executed.
Operation of the transponder commands depend on the
device configuration (Password or Cipher Mode).
If the device is forced into HALT state, by means of the
HALT command, the transponder circuitry is muted.
A violation of the command sequence coding or command
timing in any state causes an error condition, which causes
the device to enter WAIT state and to reset the time-out
(tWAIT,SA).
7.2.1
WAIT State
In
WAIT
state
general
memory
access
is
denied.
Commands may be issued to start device authentication, in
order to enter the AUTHORIZED state, see Table 2.
Table 2. Command Set in WAIT State
NAME
COMMAND, CMD
CM4
CM3
CM2
CM1
CM0
Reserved
1)
0
X
X
X
X
Reserved
1)
X
0
X
X
X
Reserved
1)
X
X
1
X
X
Reserved
1)
X
X
X
1
X
Reserved
1)
X
X
X
X
1
START_AUTH
1
1
0
0
0
Note
1. This command is reserved for future use and subject to
change without notice. The actual implementation
causes the device to generate an error condition and to
enter the WAIT state, if this command is being issued.
Upon entering the WAIT state the time-out (tWAIT,SA) is
reset. In case tWAIT,SA is allowed to time-out, the device
enters READ ONLY state, if one of the Read Only modes is
enabled. In case a START_AUTH command is issued,
device authentication is triggered and the READ ONLY
state is not entered. At least the first two bits of
START_AUTH need to be recognized by the device within
the time-out period specified by tWAIT,SA.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com